전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AMS2-D2-R2

  • AI
    The **M2AMS2-D2-R2** is a specific model identifier typically associated with **M.2 NVMe SSD enclosures** or docking solutions (often manufactured by brands like Maiwo). Below is a breakdown of the electronic components and technical specifications typically found in this hardware architecture. --- ### 1. Core Technical Specifications The M2AMS2-D2-R2 is designed as a high-speed bridge between PCIe NVMe storage and the USB interface. | Feature | Specification | | :--- | :--- | | **Interface Type** | USB 3.2 Gen 2x2 (or USB 4 depending on specific chip revision) | | **Data Transfer Rate** | Up to 20Gbps (Primary) / 40Gbps (Premium versions) | | **Storage Protocol** | NVMe (PCIe Gen 3 or Gen 4 x4) | | **Form Factor Support** | M.2 2230, 2242, 2260, 2280 | | **Material** | Aluminum Alloy (for passive cooling) | --- ### 2. Key Electronic Components #### A. The Bridge Chipset (Controller) The heart of this device is the **Bridge Controller**. It translates the PCIe signals from the SSD into USB signals for the computer. Common chips used in this model series include: * **Asmedia ASM2364:** A popular chip for 20Gbps performance. * **Intel/JMicron variants:** Used in some regional sub-models to handle power management. #### B. Power Management Integrated Circuit (PMIC) * **Voltage Regulation:** Converts the 5V supplied by the USB port down to 3.3V, which is the standard operating voltage for M.2 SSDs. * **Protection Circuits:** Includes Over-Current Protection (OCP) and Short-Circuit Protection (SCP) to prevent damage to the high-cost NVMe drive. #### C. Connectivity & Signal Integrity * **USB-C Port:** A 24-pin surface-mount connector designed for high-frequency data transmission. * **M-Key Socket:** The physical slot for the SSD, featuring gold-plated pins to ensure low resistance and high durability. * **SMD Capacitors:** Large surface-mount capacitors act as a "buffer" to provide stable current during heavy write operations, preventing data corruption during minor voltage drops. --- ### 3. Thermal Design Because NVMe drives generate significant heat during 20Gbps transfers, the "R2" revision usually features: 1. **Thermal Pads:** Conductive silicone pads that bridge the gap between the SSD chips and the aluminum casing. 2. **Heat Sink Grooves:** The exterior is often finned to increase surface area for heat dissipation. --- ### 4. Comparison Table: Protocol Support | Part Component | Supported | Not Supported | | :--- | :--- | :--- | | **M.2 NVMe (M-Key)** | Yes | No | | **M.2 SATA (B+M Key)** | No (Usually) | Yes | | **mSATA** | No | Yes | | **UASP/TRIM Support** | Yes | No | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power draw (mA) supported by the M2AMS2-D2-R2 bridge chip?
    • ⤷ Does this model support the Thunderbolt 3 protocol specifically?
    • ⤷ How do I update the firmware on an Asmedia-based NVMe enclosure?