M2AMS2-DD-R/N
AI

## Analysis of the M2AMS2-DD-R/N
The **M2AMS2-DD-R/N** is a specific model within the **M2AMS series** of ultra-slim signal conditioners (transmitters) manufactured by **M-System**. These devices are designed to receive a DC input signal and provide an isolated DC output, often used for signal isolation, conversion, and amplification in industrial automation.
---
### 1. Model Code Breakdown
Understanding the electronic capabilities requires decoding the model suffix:
| Code Segment | Description | Details |
| :--- | :--- | :--- |
| **M2AMS2** | Base Model | Ultra-slim Signal Conditioner (Dual Output) |
| **-D** | Input Signal | DC Input (Configurable or specific ranges) |
| **-D** | Output 1 | 4 – 20 mA DC |
| **-R** | Power Input | 24V DC |
| **-N** | Compliance/Options | No CE marking (standard industrial spec) |
---
### 2. Key Electronic Specifications
The internal circuitry is designed for high-density mounting and electrical isolation between the power supply, input, and output.
* **Input Impedance:** Typically $\ge 1$ MΩ for voltage inputs or $250$ Ω for current inputs.
* **Output Load Resistance:** Maximum $550$ Ω for the 4-20mA loop.
* **Isolation:** 3-way isolation (Input to Output to Power).
* **Isolation Resistance:** 100 MΩ minimum at 500V DC.
* **Dielectric Strength:** 2000V AC @ 1 minute.
* **Response Time:** $\le 0.5$ seconds (0 – 90%).
---
### 3. Electronic Components & Physical Layout
The device utilizes a compact, rail-mounted housing. Below are the primary electronic sections:
#### Power Supply Section
* **Voltage:** 24V DC ($\pm 10\%$).
* **Current Consumption:** Approx. 80 mA.
* **Protection:** Includes reverse polarity protection and surge suppression.
#### Signal Conditioning Circuitry
1. **Input Stage:** Uses high-precision operational amplifiers to scale the incoming DC signal.
2. **Galvanic Isolation:** Employs optoisolators or transformer-based isolation to prevent ground loops and protect sensitive PLC/DCS inputs from high-voltage spikes.
3. **Output Stage:** A constant-current circuit (for the -D output) ensures a stable 4-20mA signal regardless of variations in the load resistance (up to 550Ω).
---
### 4. Installation and Wiring
The unit is designed for **DIN rail mounting**.
| Terminal | Function |
| :--- | :--- |
| **1 & 2** | Output 1 (+ / -) |
| **3 & 4** | Output 2 (+ / -) |
| **5 & 6** | Input (+ / -) |
| **7 & 8** | Power Supply (24V DC) |
---
- ⤷
What are the primary differences between the M2AMS and the M2AS series?
- ⤷ Can this model be adjusted for zero and span calibration manually?
- ⤷ What are the environmental temperature limits for this specific component?