전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AP-01-R

  • AI
    The **M2AP-01-R** is a specific model of an **Electronic Pressure Switch/Sensor**, typically manufactured by Norgren (under the Excelon series) or similar pneumatic component providers. It is designed to monitor air pressure in a system and provide an electrical signal when a specific threshold is reached. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Pressure Range** | 0.2 to 10 bar (approx. 3 to 145 psi) | | **Switching Element** | Microswitch (Mechanical SPDT) | | **Electrical Connection** | DIN 43650 Form A (Large Connector) | | **Voltage Rating** | Up to 250V AC/DC | | **Current Rating** | 4A (Resistive) / 2A (Inductive) | | **Contact Type** | Changeover (NO/NC/Common) | | **Protection Class** | IP65 (when connector is fitted) | --- ### 2. Electronic Operating Principle The M2AP-01-R operates as a **pressure-actuated switch**. It does not output a continuous analog signal (like 4-20mA); instead, it functions as a binary trigger: 1. **Sensing:** A diaphragm or piston inside the unit reacts to the pneumatic pressure from the inlet. 2. **Actuation:** When the pressure exceeds the manually set setpoint (adjusted via a screw), it overcomes an internal spring force. 3. **Switching:** The physical movement triggers a high-quality **microswitch**. 4. **Wiring (SPDT):** * **Common (C):** The input terminal. * **Normally Open (NO):** Closes the circuit when the pressure rises above the setpoint. * **Normally Closed (NC):** Opens the circuit when the pressure rises above the setpoint. --- ### 3. Application Use Cases * **Safety Interlocks:** Ensuring a machine does not start unless there is sufficient air pressure. * **Compressor Control:** Turning a motor on/off based on tank pressure. * **System Monitoring:** Triggering an alarm if pressure drops below a critical operating level. --- ### 4. Installation & Safety * **Adjustment:** The switching point is usually adjusted by turning a screw located under the electrical connector or on the body. * **Environmental:** While rated IP65, it should be protected from extreme vibration to prevent "chattering" of the internal contacts. * **Electrical Safety:** Ensure the power is disconnected before removing the DIN plug to avoid high-voltage exposure.
    ✨ Follow-up Questions
    • ⤷ How do I adjust the pressure setpoint on the M2AP-01-R?
    • ⤷ What is the difference between this mechanical switch and a digital pressure sensor?
    • ⤷ Which pin configuration is used for the DIN 43650 connector in this model?