전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AP-34-R/Q

  • AI
    The **M2AP-34-R/Q** is a specific part number typically associated with the **M2AP series** of Analog-to-Pulse Transmitters (Signal Conditioners) manufactured by **M-System**. These devices are used in industrial automation to convert standard analog DC signals into pulse train signals for PLC high-speed counters or totalizing counters. --- ### ## Technical Specifications Breakdown The suffix code **34-R/Q** defines the power input, signal range, and specific hardware options. | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2AP | Analog to Pulse Transmitter (Mini-M Series) | | **Input (3)** | 0 – 1 V DC | High impedance input signal | | **Output (4)** | 0 – 100 Hz | Pulse output frequency range | | **Power Input (R)** | 24V DC | Operational voltage (Ripple 10% p-p max) | | **Option (/Q)** | Quality Option | Often refers to specialized coatings or certifications | --- ### ## Core Electronic Components To achieve signal conversion, the M2AP utilizes several key internal stages: 1. **Input Isolation Stage:** Uses an operational amplifier circuit with high input impedance to prevent loading the signal source. It often includes an isolation transformer or optocoupler to provide 2000V AC isolation between input, output, and power. 2. **Voltage-to-Frequency (V/F) Converter:** The "heart" of the device. It converts the 0–1V DC analog level into a proportional frequency. If the input is 0.5V, the output will be exactly 50 Hz. 3. **Output Driver (Open Collector or Voltage Pulse):** Usually features a **NPN Transistor (Open Collector)** or a **Contactless AC/DC Switch**. This allows the device to trigger the digital input of a PLC or a remote counter. 4. **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration to ensure 0% input matches 0 Hz and 100% matches 100 Hz. --- ### ## Wiring and Connection Diagram The device uses a specialized M-System socket (typically 8-pin or 11-pin base). ```text Pin/Terminal | Function | Description -------------|----------------|-------------------------- 1 & 2 | Output (+) (-) | Pulse Output (Open Coll.) 3 & 4 | Input (+) (-) | 0 - 1V DC Analog Input 7 & 8 | Power (+) (-) | 24V DC Supply ``` --- ### ## Applications * **Flow Totalizing:** Converting a 0-1V flow rate signal into pulses to calculate total volume over time. * **Motor Speed Monitoring:** Interfacing analog speed controllers with digital tachometers. * **Signal Integration:** Converting an instantaneous analog value into a digital count for data logging.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Open Collector and Voltage Pulse output types for this model?
    • ⤷ How do I calibrate the Zero and Span settings if the pulse output is drifting?
    • ⤷ Are there specific environmental protection ratings provided by the /Q option?