전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AP-34-R/UL

  • AI
    The **M2AP-34-R/UL** is a specific model of an electronic signal conditioner or transmitter, typically manufactured by **M-System**. These devices are designed to convert various electrical input signals into standard process signals for PLC or DCS systems. --- ## Technical Specifications & Features The following table outlines the typical characteristics of the M2AP series: | Component/Feature | Description | | :--- | :--- | | **Model Type** | Mini-M Series Signal Conditioner | | **Primary Function** | AC Current Transmitter (Average Sensing) | | **Input Signal** | AC Current (e.g., 0–1A AC or 0–5A AC) | | **Output Signal** | DC Current or Voltage (Standardized) | | **Power Input** | 100 – 240V AC (Standard for UL models) | | **Response Time** | Approximately 0.5 seconds | | **Mounting** | DIN Rail Mounting (Plug-in base) | --- ## Part Breakdown (Naming Convention) The alphanumeric code provides specific details about the electronic configuration: 1. **M2AP**: The base model series. "AP" specifically refers to an **AC Current Transmitter**. 2. **34**: This represents the Input/Output configuration. * **3**: Generally refers to the Input Type (e.g., 0–1A AC). * **4**: Generally refers to the Output Type (e.g., 0–10V DC or 4–20mA DC). 3. **-R**: Indicates the Power Input. "R" usually signifies **24V DC**. * *Note: If the label says -M2, it refers to 100-240V AC.* 4. **UL**: Certification code indicating that the unit is **UL/cUL Listed**, meeting safety standards for the North American market. --- ## Electronic Components & Operation Inside the M2AP-34-R/UL, the following electronic stages occur: * **Input Stage:** Uses an internal current transformer or shunt resistor to sample the high AC current. * **Rectification/Filtering:** Converts the AC input into a proportional DC voltage using an average-sensing circuit. * **Isolation Circuit:** Employs **Galvanic Isolation** (usually 2000V AC) between the input, output, and power supply to protect sensitive control equipment from electrical surges. * **Output Stage:** An operational amplifier scales the signal to the desired process level (e.g., 4-20mA). --- ## Application Use Cases * **Motor Monitoring:** Measuring the AC current draw of an industrial motor to detect overloads. * **Process Control:** Converting high-voltage/high-current readings into a signal a PLC (Programmable Logic Controller) can understand. * **Data Logging:** Sending current consumption data to a SCADA system for energy management.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output signal ranges for the '34' configuration?
    • ⤷ Does this model support True RMS measurement or only average sensing?
    • ⤷ What is the terminal wiring diagram for the M2AP series?