전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AP-64-R/N

  • AI
    The **M2AP-64-R/N** belongs to the **M2AP series** of high-density, multi-pin circular connectors, commonly used in industrial automation and heavy-duty machinery. These components are designed to facilitate secure electrical connections in environments where vibration, moisture, and dust are prevalent. --- ### 1. Component Overview The model name can be broken down into specific technical specifications: | Feature | Description | | :--- | :--- | | **Series (M2)** | Circular multi-pin connector standard (often compatible with MIL-spec layouts). | | **Shell Type (AP)** | Typically indicates a **Panel Mount Receptacle** with an angled or square flange. | | **Pin Count (64)** | Contains **64 individual contact points** for signal or power transmission. | | **Contact Type (R)** | Usually denotes **Reverse Gender** or **Socket (Female)** contacts. | | **Keying (N)** | "Normal" keying position to prevent cross-mating with similar nearby plugs. | --- ### 2. Electrical Specifications These connectors are engineered for high-density signal integrity. Typical electrical characteristics for this class include: * **Current Rating:** Generally 3A to 5A per contact (depending on wire gauge). * **Voltage Rating:** Typically rated for 250V AC/DC. * **Insulation Resistance:** Minimum 1000 MΩ at 500V DC. * **Contact Resistance:** Low milliohm range (usually < 10mΩ) to ensure minimal signal loss. --- ### 3. Material Composition To withstand industrial environments, the internal and external parts are made of high-grade materials: 1. **Housing/Shell:** Die-cast aluminum alloy with nickel or olive drab chromate plating for corrosion resistance. 2. **Insulator:** High-performance synthetic resin (e.g., PPS or PBT) with high dielectric strength. 3. **Contacts:** Copper alloy with **gold or silver plating** to maximize conductivity and prevent oxidation. 4. **Sealing:** O-rings and gaskets made of Nitrile or Silicone to provide IP65/IP67 protection. --- ### 4. Common Applications Due to the high pin density (64 pins), this part is frequently found in: * **CNC Machinery:** Interface between the control unit and the motor/sensor array. * **Robotics:** Multi-axis signal transmission in robotic arms. * **Test Equipment:** High-channel count data acquisition systems. * **Medical Imaging:** Connecting complex scanning arrays to processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard mounting hole pattern for the M2AP flange?
    • ⤷ Are there specific crimping tools required for the 64-pin inserts?
    • ⤷ Does this connector carry an IP67 or IP68 ingress protection rating?