전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AP-G2-R/N

  • AI
    The **M2AP-G2-R/N** is a specialized electronic component, typically identifying a **M.2 to PCIe adapter or interface module** often used in industrial computing or networking hardware (such as those produced by IEI Integration Corp or similar industrial PC manufacturers). The "G2" generally signifies Generation 2 (PCIe 2.0 support), while the suffixes "R" and "N" often denote specific hardware revisions or mounting configurations. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic specifications for this class of module: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (A+E Key or B+M Key depending on sub-revision) | | **Interface** | PCIe x1 / USB 2.0 signals | | **Input Voltage** | 3.3V (Standard M.2 DC supply) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Data Rate** | Up to 5Gbps (PCIe Gen2) | --- ### 2. Key Electronic Components The board consists of several critical surface-mount devices (SMD) that manage data flow and power: #### A. Voltage Regulator Circuitry Since the M.2 slot provides 3.3V, but internal logic or connected peripherals might require 1.8V or 1.2V, the board contains: * **LDO (Low Dropout Regulators):** To provide clean, low-noise power. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the power pins to filter high-frequency noise. #### B. Signal Conditioning * **Differential Pair Routing:** The PCB traces for high-speed data (TX/RX) are impedance-matched to 100 ohms to prevent signal reflection. * **Resistor Networks:** Used for pull-up/pull-down configurations to define the state of GPIO or Enable pins. #### C. Connectivity Headers * **Gold Fingers:** The edge connector is gold-plated to ensure oxidation resistance and high conductivity over multiple insertion cycles. --- ### 3. Application Use Case This part acts as a bridge. In an industrial motherboard context, it allows for the following: 1. **Wireless Expansion:** Adding Wi-Fi 6 or Bluetooth modules to a system without a dedicated slot. 2. **AI Acceleration:** Connecting low-power AI TPU modules (like Coral M.2). 3. **Storage:** Adapting older bus protocols to modern M.2 physical interfaces. --- ### 4. Logic Diagram Representation ```mermaid graph LR A[Host PCIe Interface] --> B{M2AP-G2 Controller} B --> C[Power Management / 3.3V] B --> D[Differential Signal Pairs] D --> E[M.2 Peripheral Slot] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the R vs N versions?
    • ⤷ Does this module support NVMe boot functionality?
    • ⤷ What are the specific thermal dissipation requirements for this part under load?