M2AS1-4111-R
AI

The **M2AS1-4111-R** is a specific electronic component, typically categorized as a **Micro-USB Type-B Connector** (Receptacle). It is widely used in mobile devices, peripherals, and small consumer electronics for charging and data transfer.
---
### 1. General Specifications
Below are the primary electrical and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro USB 2.0 (Type B) |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Pins** | 5 Pins (VCC, D-, D+, ID, GND) |
| **Shell Material** | Stainless Steel or Copper Alloy |
| **Plating** | Gold (Contact area) / Tin (Solder area) |
---
### 2. Electronic/Electrical Parameters
To ensure circuit stability, the following electrical ratings must be observed during design:
* **Current Rating:** Typically 1.0A to 1.8A for power pins (VCC/GND), and 0.5A for signal pins.
* **Voltage Rating:** 30V AC/DC.
* **Contact Resistance:** Max 30mΩ.
* **Insulation Resistance:** Min 100MΩ.
* **Dielectric Withstanding Voltage:** 100V AC for 1 minute.
---
### 3. Mechanical & Physical Properties
The "R" in the part number often indicates compliance with **RoHS** (Restriction of Hazardous Substances) or specific **Reel** packaging for automated pick-and-place machines.
* **Durability:** Usually rated for 10,000 mating cycles.
* **Mating Force:** 35N maximum.
* **Unmating Force:** 8N minimum.
* **Orientation:** Horizontal/Right Angle (meaning the cable plugs in parallel to the PCB).
---
### 4. Pin Configuration (Internal View)
The 5-pin layout is standardized for Micro-USB B:
1. **VBUS (+5V):** Power supply.
2. **D-:** Data Negative.
3. **D+:** Data Positive.
4. **ID:** Identification (Used for OTG functionality).
5. **GND:** Ground.
---
- ⤷
What is the footprint layout for the M2AS1-4111-R on a PCB?
- ⤷ Can this connector support USB 3.0 speeds?
- ⤷ What are the recommended soldering temperatures for this SMT part?