전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4133-R2/Q

  • AI
    The **M2AS1-4133-R2/Q** is a high-performance, industrial-grade **DDR4 SODIMM** (Small Outline Dual In-Line Memory Module). It is manufactured by **Innodisk**, a company specializing in flash storage and DRAM solutions for industrial and embedded systems. Below is a breakdown of its technical specifications and core electronic features. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | SODIMM (260-pin) | | **Capacity** | 8GB (standard for this series) | | **Data Rate** | 3200 MT/s (PC4-25600) | | **Voltage** | 1.2V (Low Power Consumption) | | **CAS Latency** | CL22 | | **Operating Temperature** | 0°C to +85°C (Standard) / -40°C to +85°C (WT version) | | **Anti-Sulfuration** | Yes (R2/Q Designation) | --- ### 2. Detailed Electronic Components #### A. Memory Chips (DRAM ICs) The module utilizes **DDR4 SDRAM ICs**. Unlike consumer RAM, these chips are selected for high reliability and longevity. They operate at a native voltage of **1.2V**, which reduces power consumption and thermal output compared to older DDR3 (1.5V) technology. #### B. The PCB (Printed Circuit Board) The "R2/Q" suffix often refers to specific design revisions or protections: * **30μ” Gold Finger:** The contact pins are plated with 30 micro-inches of gold to ensure stable signal transmission and prevent oxidation in harsh environments. * **Anti-Sulfuration:** The resistors and passive components are treated with a protective layer to prevent silver components from reacting with sulfur in the air (common in industrial zones), which prevents "sulfur-induced open circuits." #### C. Serial Presence Detect (SPD) EEPROM This is a small non-volatile chip on the module that stores information about the memory's timing, voltage, and manufacturer. When the system boots, the BIOS/UEFI reads this chip to configure the memory controller automatically. --- ### 3. Application Use Cases Due to its ruggedized nature, this part is typically used in: * **Edge Computing:** Processing data locally in industrial environments. * **Automation:** Integrated into PLC or IPC (Industrial PC) systems. * **Medical Equipment:** Devices requiring high stability and low failure rates. * **Transportation:** In-vehicle or signaling systems that may experience vibration. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and Q designators in Innodisk part numbers?
    • ⤷ How does anti-sulfuration technology protect the electronic components?
    • ⤷ Is this module compatible with standard consumer laptops?