전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4141-R2/Q

  • AI
    The **M2AS1-4141-R2/Q** is a high-performance **Magnetic Angle Sensor IC** typically used in industrial and automotive applications for non-contact position sensing. It belongs to the family of Hall-effect based magnetic encoders. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Technology** | Hall-Effect / AMR | Non-contact magnetic sensing | | **Resolution** | 12-bit to 14-bit | High precision angular measurement | | **Interface** | SPI / PWM / Analog | Multi-protocol communication support | | **Supply Voltage** | 3.3V to 5.0V | Standard logic levels | | **Package** | QFN / TSSOP | Compact surface-mount footprint | | **Operating Temp** | -40°C to +125°C | Automotive/Industrial grade | --- ### 2. Functional Electronic Components The internal circuitry of this part consists of several critical blocks: 1. **Hall-Element Array:** Detects the magnetic field intensity from a rotating magnet placed above the chip. 2. **Analog Front End (AFE):** Amplifies the weak signals from the sensors and removes noise. 3. **CORDIC Processor:** A digital block that calculates the exact angle (arctan) from the Sine and Cosine magnetic components. 4. **EEPROM:** Integrated memory used to store calibration data, zero-position settings, and configuration parameters. 5. **Output Drivers:** Handles the transmission of the angle data via SPI (Serial Peripheral Interface) or PWM. --- ### 3. Implementation Example To interface this sensor with a microcontroller (like an Arduino or STM32), the wiring generally follows this logic: ```cpp // Pseudocode for SPI Angle Read #include const int CS_PIN = 10; uint16_t readAngle() { digitalWrite(CS_PIN, LOW); // Request 14-bit angle data over SPI uint16_t rawData = SPI.transfer16(0xFFFF); digitalWrite(CS_PIN, HIGH); // Mask out status bits if applicable return rawData & 0x3FFF; } ``` --- ### 4. Typical Applications * **Robotics:** Joint position feedback for servo motors. * **Automotive:** Steering angle sensors and electronic throttle control. * **Industrial:** Replacement for optical encoders in dusty or oily environments. * **HMI:** Digital knobs and rotary switches with infinite rotation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the M2AS1 series?
    • ⤷ How do I calibrate the zero-point on this sensor?
    • ⤷ What are the specific pinout differences between the R2 and Q variants?