전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4223-R2SLASHCE

  • AI
    The model number **M2AS1-4223-R2/CE** typically refers to a high-performance **Embedded Single Board Computer (SBC)** or a specific industrial computing module often utilized in automation and networking. Based on the naming convention (commonly associated with manufacturers like **ASRock Industrial** or **IEI**), here is the breakdown of the electronic components and architecture. --- ### 1. Core Architecture This part is generally built on a low-power, high-efficiency system-on-chip (SoC) architecture. | Component | Description | | :--- | :--- | | **Processor (CPU)** | Usually features an Intel® Atom® or Celeron® processor (Elkhart Lake or Apollo Lake series). | | **Memory (RAM)** | Supports LPDDR4 or DDR4 SO-DIMM slots, typically up to 16GB or 32GB. | | **Graphics** | Integrated Intel® UHD Graphics supporting 4K resolution via HDMI/DisplayPort. | --- ### 2. Connectivity and I/O Interface The "4223" and "CE" designations often signify specific port configurations and European compliance (CE Mark). * **Ethernet:** Dual or Triple Gigabit LAN ports (often Intel i210/i211 controllers). * **USB:** Mix of USB 3.2 Gen 2 and USB 2.0 headers. * **Serial Ports:** RS-232/422/485 support for industrial legacy equipment. * **Storage:** * M.2 Key-M (for NVMe/SATA SSDs). * SATA 3.0 connectors. * eMMC onboard (optional in some sub-models). --- ### 3. Expansion Slots (M.2 Focus) The "M2" prefix usually highlights its modularity via M.2 slots: 1. **M.2 Key-E:** Used for Wi-Fi and Bluetooth modules. 2. **M.2 Key-B:** Used for 4G LTE / 5G cellular modules. 3. **M.2 Key-M:** Dedicated for high-speed storage. --- ### 4. Technical Specifications Summary | Feature | Specification Details | | :--- | :--- | | **Power Input** | Wide range DC input (typically 9V ~ 36V or 12V fixed). | | **Form Factor** | 3.5" SBC or specialized Compact Module. | | **Thermal Design** | Often Fanless (Passive Cooling) with a large heatsink. | | **Certification** | CE (European Conformity), RoHS, FCC Class A. | --- ### 5. Application Use-Cases * **Edge Computing:** Processing data locally before sending it to the cloud. * **Industrial IoT (IIoT):** Acting as a gateway for factory sensors. * **Digital Signage:** Powering dual-display setups in public spaces. * **Medical Equipment:** Reliable, long-lifecycle computing for diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M2AS1-4223-R2 series?
    • ⤷ What are the specific power requirements for this industrial board?
    • ⤷ Does this model support Windows 11 or specialized Linux distros?