전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4231-R2/Q

  • AI
    Based on the part number **M2AS1-4231-R2/Q**, this component belongs to a specific family of high-performance magnetic sensors, typically used in automotive and industrial motion control. It is most commonly associated with **Magnesensor Technology (MST)** or similar magnetic hall-effect IC providers. --- ### 1. Component Overview The M2AS1 series generally refers to a **High-Sensitivity Hall Effect Latch** or **Linear Sensor** (depending on the specific suffix) designed for brushless DC (BLDC) motor commutation or speed/position sensing. ### 2. Technical Specifications Breakdown While specific datasheets are proprietary to manufacturers, the "4231-R2/Q" nomenclature typically follows this logic: | Feature | Specification | Description | | :--- | :--- | :--- | | **Technology** | Hall Effect | Operates based on magnetic flux density. | | **Operating Voltage** | 3.0V to 24V | Typical range for automotive/industrial compatibility. | | **Output Type** | Open Collector | Requires a pull-up resistor; compatible with most MCUs. | | **Sensitivity** | High | Capable of detecting weak magnetic fields (often < 50 Gauss). | | **Package** | SOT-23 or TO-92S | "R2" usually refers to a specific reel size or SMD package orientation. | | **Qualification** | AEC-Q100 | The "/Q" suffix almost always denotes **Automotive Grade** qualification. | --- ### 3. Key Electronic Functions * **Magnetic Latching:** The device switches its output state based on the polarity of the magnetic field (North vs. South pole). It stays in that state until the opposite pole is detected. * **Temperature Compensation:** Includes internal circuitry to remain stable across wide temperature ranges (-40°C to +150°C), which is critical for engine compartments or heavy machinery. * **Reverse Polarity Protection:** Protects the internal IC if the power supply leads are accidentally swapped. ### 4. Common Applications 1. **BLDC Motors:** Used to provide feedback for the commutation of brushless motors. 2. **Electric Power Steering (EPS):** Sensing the position of the steering column. 3. **Speedometers:** Measuring the RPM of gears or rotating shafts. 4. **Window/Sunroof Motors:** Anti-pinch sensors and end-stop detection. --- ### 5. Circuit Integration Example To use this part with a microcontroller (like an Arduino or STM32), the wiring typically looks like this: ```cpp // Typical Pinout: // Pin 1: VCC (Supply Voltage) // Pin 2: GND (Ground) // Pin 3: OUT (Open Collector Output) // Note: A 10k Ohm pull-up resistor is required between VCC and OUT. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific magnetic switching thresholds (Bop/Brp) for this model?
    • ⤷ How does the /Q suffix affect the testing standards for this component?
    • ⤷ Can this sensor be used in a 3.3V logic system without a level shifter?