전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4232-R2

  • AI
    The **M2AS1-4232-R2** is a specialized high-density interface component, typically categorized as a **VITA 42 (XMC)** mezzanine connector. These parts are critical in aerospace, defense, and high-performance computing for connecting daughter cards (XMC modules) to carrier boards (VPX or VME). --- ## 1. Technical Specifications The "4232" in the part number usually refers to the specific pin configuration and height requirements defined by the VITA standards. | Feature | Specification | | :--- | :--- | | **Connector Type** | XMC (Switched Mezzanine Card) Connector | | **Standard** | VITA 42.0 | | **Pin Count** | 114 Pins (Standard XMC layout) | | **Mounting Type** | Surface Mount (SMT) | | **Mated Height** | Typically 10mm or 12mm (R2 variant specific) | | **Pitch** | 1.27 mm (0.05 in) | | **Signal Integrity** | Up to 10+ Gbps (Differential Pairs) | --- ## 2. Key Electronic Features ### High-Speed Signal Integrity Designed to support modern high-speed protocols including: * **PCI Express (Gen 2/3)** * **Serial RapidIO** * **10 Gigabit Ethernet** ### Solder Ball Technology The "R2" suffix often denotes a revision or a specific solder tail configuration. These connectors typically use **Lead-Free (SnAgCu)** or **Tin-Lead (SnPb)** solder balls to ensure high-reliability mechanical bonds during the reflow process, which is essential for environments subject to high vibration. ### Material Composition * **Housing:** High-temperature LCP (Liquid Crystal Polymer) plastic to withstand lead-free reflow temperatures. * **Contacts:** High-conductivity Copper Alloy. * **Plating:** Gold (Au) over Nickel (Ni) on the contact area to prevent oxidation and maintain low contact resistance. --- ## 3. Pin Configuration (VITA 42 Standard) While specific to the M2AS1 series, the 114-pin layout generally follows this functional grouping: 1. **Differential Pairs:** Used for high-speed data transmission (TX/RX). 2. **Power Rails:** Dedicated pins for 3.3V, 5V, and 12V power delivery to the mezzanine card. 3. **Ground Planes:** Interspersed between signal pins to minimize crosstalk and EMI. 4. **Control Signals:** I2C/SMBus for module management and JTAG for debugging. --- ## 4. Common Applications * **SDR (Software Defined Radio):** Connecting FPGA mezzanine cards to processing units. * **Avionics:** Data concentrators and flight control computers. * **Industrial Automation:** High-speed data acquisition systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact mated stack height for the R2 variant compared to R1?
    • ⤷ Is the M2AS1-4232-R2 compatible with VITA 61 (XMC 2.0) standards?
    • ⤷ What are the recommended reflow oven temperature profiles for this connector?