전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4232-R2/CE

  • AI
    The **M2AS1-4232-R2/CE** is a specialized industrial motherboard (typically in the 3.5" Single Board Computer or SBC form factor) designed for embedded computing, automation, and communication tasks. It is often associated with the **Portwell** or similar industrial hardware series. --- ### 1. Key Technical Specifications Below are the primary electronic components and interfaces found on this board: | Component Type | Specification Details | | :--- | :--- | | **Processor (CPU)** | Usually integrated Intel® Atom® or Celeron® SoC (N-series). | | **Memory Support** | DDR3L or DDR4 SO-DIMM slots (capacity varies by sub-revision). | | **Ethernet** | Dual or Quad Gigabit Ethernet (GbE) ports (Intel i210/i211 controllers). | | **Serial Ports** | Multiple RS-232/422/485 headers (crucial for industrial PLC/Sensor interfacing). | | **Expansion** | Mini-PCIe slots (for Wi-Fi/LTE) and mSATA support. | | **Power Input** | 12V DC input (locking terminal block or DC jack). | --- ### 2. Breakdown of Major Electronic Subsystems #### A. Power Management (VRM) The board utilizes high-grade **Solid Capacitors** and multi-phase Voltage Regulator Modules (VRMs). These are designed to handle voltage fluctuations common in industrial environments and provide a stable 1.0V - 1.2V core voltage to the CPU. #### B. Connectivity & I/O * **Super I/O Chipset:** Usually an ITE or Fintek chip that manages legacy ports (Serial, Parallel, PS/2) and monitors hardware health (fan speeds, temperatures). * **Storage Interfaces:** Includes standard SATA III (6Gb/s) connectors and an mSATA slot for industrial-grade SSDs. #### C. Thermal Design Because it is an industrial board, it is often **fanless**. It uses a thick aluminum heat spreader or heatsink that makes contact with the SoC (System on Chip) to dissipate heat through the chassis. --- ### 3. Application Areas Due to its rugged electronic design, the M2AS1-4232-R2/CE is typically used in: 1. **Digital Signage:** High-reliability playback 24/7. 2. **Industrial Gateways:** Processing data between factory machines and the cloud. 3. **Kiosks:** Small form factor allows it to fit in tight enclosures. --- ### 4. Regulatory & Compliance (The "/CE" Suffix) The "CE" designation at the end of the model number indicates that the electronic components and assembly meet **European Conformity** standards: * **EMC (Electromagnetic Compatibility):** Minimal interference with other devices. * **RoHS:** Lead-free construction.
    ✨ Follow-up Questions
    • ⤷ Does this board support fanless operation in high-temperature environments?
    • ⤷ What is the maximum RAM capacity for the M2AS1 series?
    • ⤷ Which specific Intel CPU generation is integrated into the R2 revision?