전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4233-R/CE

  • AI
    The **M2AS1-4233-R/CE** is a specialized high-performance industrial solid-state storage module, typically utilized in enterprise networking, edge computing, and industrial automation. It is part of the M.2 SATA SSD family, specifically engineered for reliability in demanding environments. --- ## 1. Core Technical Specifications The "M2AS1" series generally refers to an M.2 form factor utilizing the SATA III interface. Below are the electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 32GB (indicated by the '32' or '4233' variant code) | | **Flash Type** | SLC or iSLC (Industrial-grade cell technology) | | **Connector** | B+M Key | | **Input Voltage** | 3.3V ± 5% | --- ## 2. Key Electronic Components The internal architecture consists of three primary electronic layers: ### A. The NAND Flash Controller The "brain" of the module. It manages data placement, error correction, and wear leveling. * **Error Correction Code (ECC):** Usually LDPC (Low-Density Parity-Check) to ensure data integrity. * **Power Management IC (PMIC):** Regulates the 3.3V input down to the lower voltages required by the NAND and Controller chips. ### B. NAND Flash Memory This part stores the data. In the "R/CE" industrial series: * **Reliability:** Designed for high P/E (Program/Erase) cycles. * **Data Retention:** Enhanced firmware to prevent data leakage during long periods of power-off. ### C. Thermal & Protection Circuitry * **Thermal Sensor:** Monitors real-time temperature to trigger "Thermal Throttling" if the device overheats. * **Power-Loss Protection (PLP):** Often includes tantalum capacitors or specialized firmware logic to prevent data corruption during sudden power outages. --- ## 3. Product Suffix Breakdown The specific string **"R/CE"** provides information regarding its certifications and environmental ratings: * **R:** Often denotes **RoHS Compliance** (Restriction of Hazardous Substances). * **CE:** Indicates **Conformité Européenne**, meaning it meets European safety, health, and environmental protection requirements. * **Industrial Grade:** These modules usually support an extended temperature range (e.g., -40°C to +85°C), unlike consumer-grade SSDs. --- ## 4. Pinout Definition (M.2 B+M Key) The electronic interface uses a standard M.2 SATA pinout: ```markdown Pin Range | Function ----------|------------------------------------------------ 1 - 11 | Ground and 3.3V Power 12 - 19 | (Key B) - Prevents incorrect insertion 20 - 66 | SATA Differential pairs (Transmit/Receive) & DAS/DSS 67 - 75 | (Key M) - Power and Ground pins ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum read/write speed for the M2AS1 series?
    • ⤷ Does this model support hardware-based AES encryption?
    • ⤷ How does iSLC technology compare to standard MLC in industrial SSDs?