전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4313-R2/CE

  • AI
    The **M2AS1-4313-R2/CE** is a specialized electronic module, typically classified as a **SFP (Small Form-factor Pluggable)** transceiver or a specific communication interface component used in industrial automation and networking. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-speed data transmission, often utilizing fiber optic or high-speed copper interfaces. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 1.25 Gbps to 2.5 Gbps (standard for this series) | | **Interface Type** | Optical/LC Connector or Copper (Depending on sub-variant) | | **Compliance** | RoHS, CE (European Conformity) | | **Voltage Supply** | 3.3V DC (Standard for SFP) | --- ### 2. Key Electronic Components The internal circuitry of this module consists of several critical electronic sub-systems: * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often Fabry-Perot or DFB) that converts electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode and a transimpedance amplifier (TIA) to convert incoming light back into electrical signals. * **EEPROM:** A small memory chip that stores identification data, serial numbers, and vendor information (used by the host switch/router for compatibility checks). * **MCU/Controller:** Manages Digital Diagnostic Monitoring (DDM), allowing the system to monitor temperature, voltage, and laser bias current. --- ### 3. Pinout Configuration The module follows the standard MSA (Multi-Source Agreement) 20-pin layout. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | VeeT | Transmitter Ground | | 2 | TX Fault | Transmitter Fault Indication | | 3 | TX Disable | Optical Output Disable | | 4 | MOD-DEF2 | I2C Data Line (SDA) | | 5 | MOD-DEF1 | I2C Clock Line (SCL) | | 12 | RD- | Inverted Received Data Out | | 13 | RD+ | Non-Inverted Received Data Out | | 18 | TD+ | Non-Inverted Transmit Data In | | 19 | TD- | Inverted Transmit Data In | --- ### 4. Environmental and Certifications The "CE" suffix confirms that the electronic part meets European safety, health, and environmental protection requirements. * **Operating Temperature:** Generally -40°C to +85°C (Industrial Grade) or 0°C to 70°C (Commercial Grade). * **Electromagnetic Compatibility (EMC):** Designed to minimize EMI (Electromagnetic Interference) through shielded metal housing. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance supported by the M2AS1-4313-R2/CE?
    • ⤷ Does this module support Digital Diagnostic Monitoring (DDM) functionality?
    • ⤷ Is this part compatible with Cisco or Juniper networking equipment?