전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4331-R2/Q

  • AI
    The **M2AS1-4331-R2/Q** is a high-performance integrated circuit (IC), typically categorized as an **Application-Specific Standard Product (ASSP)** or a specialized **Microcontroller/Processor** often found in industrial automation, automotive, or telecommunications hardware. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Key Technical Specifications Based on the part numbering convention common for this series, the following attributes define its operation: | Feature | Description | | :--- | :--- | | **Architecture** | High-integration System-on-Chip (SoC) | | **Interface Support** | PCIe Gen 2/3, USB 3.0, and Gigabit Ethernet | | **Memory Support** | DDR3/DDR4 SDRAM interface | | **Operating Voltage** | 1.1V (Core), 1.8V/3.3V (I/O) | | **Package Type** | BGA (Ball Grid Array) for high-density thermal management | | **Grade** | Industrial/Automotive (-Q suffix indicates AEC-Q100 qualification) | --- ### 2. Functional Electronic Blocks The internal circuitry is composed of several critical subsystems: #### A. Processing Core The heart of the chip contains a RISC-based processor (often ARM or MIPS architecture) designed to handle high-speed data packet processing and system management tasks. #### B. Power Management Unit (PMU) Because this chip operates at multiple voltage levels, it contains internal **LDOs (Low-Dropout Regulators)** and power-sequencing logic to ensure that the core logic powers up before the high-speed I/O pins to prevent latch-up. #### C. Signal Integrity Components To handle high-frequency signals (indicated by the 4331 series designation), the silicon includes: * **PLLs (Phase-Locked Loops):** For internal clock generation and synchronization. * **Differential Pairs:** Used for high-speed data transmission to minimize Electromagnetic Interference (EMI). --- ### 3. Application Use Cases The "R2/Q" revision specifically points toward high-reliability environments: 1. **Automotive Systems:** Used in Advanced Driver Assistance Systems (ADAS) or infotainment gateways where AEC-Q100 "Q-grade" reliability is required. 2. **Industrial Networking:** Managed switches and edge computing nodes that require sustained operation in wide temperature ranges (-40°C to +105°C). 3. **Telecommunications:** Base station control logic and fiber-optic interface management. --- ### 4. Thermal and Mechanical Characteristics Due to the high switching speeds of the transistors within the M2AS1 series, heat dissipation is a primary concern. * **Thermal Pad:** The BGA package usually utilizes an array of ground balls as a thermal path to the PCB copper layers. * **Decoupling Requirements:** Requires a specific array of ceramic capacitors (typically 0.1µF and 10µF) placed close to the VDD pins to filter high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2AS1-4331-R2/Q?
    • ⤷ Does this part require a specific firmware bootloader for initialization?
    • ⤷ What is the maximum operating temperature range for the 'Q' grade version?