전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4332-R

  • AI
    The **M2AS1-4332-R** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive)** modules, often found in industrial or enterprise-grade computing environments. Specifically, this part number corresponds to a drive manufactured by **Innodisk**, a leader in industrial-grade storage solutions. --- ### 1. Key Technical Specifications Based on the model numbering scheme, here are the primary electronic and hardware characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 32GB | | **Flash Type** | iSLC (Industrial SLC-like performance) | | **Input Voltage** | +3.3V ± 5% | | **Operating Temp** | Standard (0°C ~ +70°C) or Wide (-40°C ~ +85°C) | --- ### 2. Electronic Components & Architecture The internal circuitry of the M2AS1-4332-R consists of several critical electronic sub-systems: #### A. NAND Flash Memory (iSLC) The core storage component. The "iSLC" technology is a proprietary flash management technique that treats MLC (Multi-Level Cell) flash like SLC (Single-Level Cell). * **Benefit:** It significantly increases the **P/E cycles** (Program/Erase) to roughly 20,000–30,000, compared to the 3,000 cycles typical of standard MLC. #### B. The Controller The "brain" of the M.2 module. It manages: * **Wear Leveling:** Ensuring data is written evenly across the flash to prevent premature wear. * **ECC (Error Correction Code):** Using LDPC (Low-Density Parity-Check) to detect and fix bit flips caused by electromagnetic interference. * **Bad Block Management:** Identifying and isolating damaged sectors of the flash memory. #### C. Power Management Circuitry Since industrial environments can have unstable power, this part includes: * **In-rush Current Suppression:** Prevents damage during hot-plugging or sudden power-on. * **Voltage Regulators:** Converts the 3.3V input into the specific lower voltages required by the NAND chips and the controller. --- ### 3. Special Industrial Features Unlike consumer-grade electronics, this part includes specific protections for rugged use: 1. **iData Guard:** A proprietary firmware feature that detects a drop in voltage and ensures the last command is completed before the drive powers down, preventing data corruption. 2. **Thermal Sensor:** Monitors the temperature of the controller; if it exceeds safety limits, the drive will throttle performance to protect the internal circuits. 3. **Gold Finger Plating:** The M.2 connector pins (Gold Fingers) are typically plated with **30μ” of gold**, which is much thicker than consumer drives, ensuring a reliable connection even in high-vibration environments. --- ### 4. Typical Applications * **Industrial PCs (IPC):** Used as a boot drive for automation systems. * **Embedded Systems:** Thin clients or POS terminals. * **Telecommunications:** Network switches and routers requiring high reliability in a small form factor.
    ✨ Follow-up Questions
    • ⤷ What is the difference between iSLC and standard SLC flash memory?
    • ⤷ How does the iData Guard technology prevent data loss during power failure?
    • ⤷ Is there a version of this part designed for extreme sub-zero temperatures?