전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4341-R/Q

  • AI
    The **M2AS1-4341-R/Q** refers to a high-speed, multi-lane connector system, typically associated with the **QSFP (Quad Small Form-factor Pluggable)** or **SFP** cage and connector assemblies used in networking hardware. These parts are engineered for high-density data transmission, such as 40G, 100G, or 400G Ethernet applications. --- ### 1. Component Overview This component is generally a **Stacked Connector and Cage Assembly**. The "Stacked" configuration means it provides two rows of ports (one on top of the other) to maximize port density on a Printed Circuit Board (PCB). | Feature | Specification Details | | :--- | :--- | | **Form Factor** | QSFP+ / QSFP28 (Typical for 4341 series) | | **Configuration** | 2x1 Stacked (2 ports in a vertical column) | | **Mounting Type** | Through-hole / Press-fit (Action Pin) | | **Data Rate** | Up to 28 Gbps per channel (NRZ) or 56 Gbps (PAM4) | | **Integrated EMI** | Multi-point spring fingers or gaskets | --- ### 2. Key Electronic & Mechanical Parts #### A. The High-Speed Connector Inside the metal cage sits the actual signal interface. * **Contacts:** Usually made of a copper alloy with gold plating (often 15μ" or 30μ") to ensure low contact resistance and durability over hundreds of mating cycles. * **Differential Pairs:** The internal pins are arranged to minimize crosstalk and maintain 100-ohm differential impedance. #### B. The Shielding Cage The metal housing (often nickel-silver or stainless steel) serves two purposes: 1. **EMI Shielding:** Prevents Electromagnetic Interference from leaking out of the high-speed data streams. 2. **Heat Dissipation:** Often includes integrated heat sink clips or airflow vents to cool the optical modules plugged into them. #### C. Press-Fit Pins (Action Pins) Instead of traditional soldering, these parts often use **Press-fit technology**. * This reduces thermal stress on the PCB during assembly. * It ensures a gas-tight connection that is highly resistant to vibration. --- ### 3. Electrical Characteristics Below is a typical breakdown of the electrical performance expected from this class of connector: | Parameter | Value (Typical) | | :--- | :--- | | **Voltage Rating** | 30V AC (Max) | | **Current Rating** | 0.5A per contact | | **Insulation Resistance** | 1000 MΩ Minimum | | **Operating Temp** | -55°C to +85°C | --- ### 4. Typical Applications * **Datacenters:** High-density switches and routers. * **Storage:** SAN (Storage Area Networks) and Fiber Channel. * **Telecommunications:** 5G Base stations and core networking equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB layout requirements for the M2AS1 series press-fit pins?
    • ⤷ Does this connector support thermal management accessories like integrated heat sinks?
    • ⤷ What is the specific difference between the -R and -Q suffixes in this part number?