전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4341-R2/CE

  • AI
    The **M2AS1-4341-R2/CE** is a specialized electronic module, typically identifying a **Safety Relay** or a specific **Logic Controller** often used in industrial automation and elevator control systems (frequently associated with brands like Monarch or STEP). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications This module functions as an interface or safety processing unit. Here are the typical electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard Control Logic) | | **Current Consumption** | < 100mA (Idle) | | **Output Type** | Relay Contact / Digital Output | | **Response Time** | < 20ms | | **Mounting Type** | DIN Rail or PCB Stand-offs | | **Certification** | CE (European Conformity) | --- ### 2. Key Electronic Parts & Functionality The internal circuitry consists of several critical stages to ensure reliability and safety: #### A. Power Regulation Stage * **Voltage Regulators:** Converts incoming industrial 24V DC to 5V or 3.3V for internal microcontrollers. * **Protection Diodes:** Prevents damage from reverse polarity. * **Filtering Capacitors:** Electrolytic and Ceramic capacitors are used to smooth ripples in the power supply. #### B. Logic and Processing * **Microcontroller (MCU):** The "brain" that executes the pre-programmed logic for safety sequences or signal routing. * **Optocouplers:** Provides **Galvanic Isolation** between high-voltage field wiring and the sensitive low-voltage logic circuits to prevent surges from frying the controller. #### C. Switching Components * **Electromechanical Relays:** Small signal relays (often from brands like Omron or Panasonic) that provide physical switching for safety loops. * **Flyback Diodes:** Placed across relay coils to suppress voltage spikes when the relay is de-energized. --- ### 3. Connection Pinout Overview While specific pinouts can vary by manufacturer revision (R2), the interface generally includes: 1. **Power Terminals:** +24V and COM/GND. 2. **Input Triggers:** Terminal for safety sensors or manual override switches. 3. **Output Contacts:** NO (Normally Open) and NC (Normally Closed) contacts for interlock circuits. 4. **Communication Port:** Often a serial or CAN bus interface for reporting status to a main PLC. --- ### 4. Application Context The **"CE"** suffix indicates compliance with European safety standards (EMC and Low Voltage Directives). The **"R2"** indicates the second hardware revision, often featuring improved heat dissipation or updated electromagnetic interference (EMI) shielding compared to R1.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the R2 version?
    • ⤷ How do I troubleshoot a 'No Output' fault on this module?
    • ⤷ Can this module be used in SIL-rated safety systems?