전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4413-R/N

  • AI
    The **M2AS1-4413-R/N** is a specialized electronic component primarily used in industrial and telecommunications infrastructure. It is a **High-Density DC-DC Power Module**, often categorized as an isolated converter designed for mounting on printed circuit boards (PCBs). --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter / Power Module | | **Input Voltage Range** | Typically 36V to 75V DC (Standard 48V Telecom Input) | | **Output Voltage** | Regulated DC output (Specific to the 4413 sub-code) | | **Mounting Type** | Through-hole (R/N usually denotes pin/lead finish or RoHS status) | | **Form Factor** | Brick-style module (Quarter-brick or Half-brick size) | | **Efficiency** | Typically 90% or higher | --- ### 2. Functional Components The internal electronic architecture of the M2AS1-4413 series generally consists of: * **Switching Controller:** High-frequency PWM (Pulse Width Modulation) controller to manage power conversion efficiency. * **Isolation Barrier:** Magnetic transformers that provide galvanic isolation between the input (source) and output (load) to protect sensitive downstream components. * **Thermal Management:** An integrated baseplate or high-thermal-conductivity potting material to dissipate heat during high-load operations. * **Protection Circuitry:** * **OVP (Over Voltage Protection):** Shuts down the unit if output exceeds safe limits. * **OCP (Over Current Protection):** Limits current to prevent overheating. * **UVLO (Under Voltage Lock Out):** Ensures the device only operates when input voltage is sufficient. --- ### 3. Suffix Breakdown (R/N) In the context of industrial power supplies: * **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning lead-free construction. * **-N:** Can refer to **Negative Logic** for the remote On/Off control pin (where pulling the pin low enables the device). --- ### 4. Common Applications These modules are engineered for "mission-critical" environments: 1. **Telecommunications:** Powering base stations and optical network terminals. 2. **Data Centers:** Distributed power architectures (DPA) where 48V is stepped down to 12V or 5V. 3. **Industrial Automation:** Powering PLC (Programmable Logic Controller) systems that require high noise immunity. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output wattage rating for the 4413 variant?
    • ⤷ Does this module require an external heatsink for maximum current draw?
    • ⤷ What are the physical dimensions of the M2AS1 series footprint?