전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-4443-R2/N

  • AI
    The **M2AS1-4443-R2/N** is a specific part number typically associated with high-frequency, precision electronic components, most commonly identified as a **Surface Mount (SMD) Attenuator** or a specialized RF component used in telecommunications and signal processing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Component Overview This component is designed to reduce the power of an electrical signal without appreciably distorting its waveform. It is frequently used in RF (Radio Frequency) circuits to match signal levels or protect sensitive receiver stages. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Fixed Attenuator / RF Chip Component | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Common Application** | RF Infrastructure, Satellite Comms, Testing Equipment | | **Package Style** | Standardized rectangular chip (e.g., 0402, 0603, or custom package) | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF vendors), the "4443" and "R2" segments typically denote specific electrical parameters: * **Impedance:** Usually standardized at **50 Ohms**, which is the industry standard for RF signal paths to ensure minimal reflection (VSWR). * **Attenuation Value:** The numeric code often indicates the decibel (dB) reduction. In many naming conventions, "03" would be 3dB; "4443" may refer to a specific attenuation curve or a series-specific code. * **Frequency Range:** Typically rated for DC up to several GHz (e.g., DC–18GHz or DC–40GHz depending on the substrate). * **Power Rating:** Usually rated for low-to-medium power (e.g., 100mW to 2W). --- ### 3. Part Number Breakdown (Typical) Electronic part numbers are modular. Here is how the M2AS1 series is generally structured: | Prefix/Suffix | Meaning | | :--- | :--- | | **M2AS1** | Series identifier (High-reliability or specific substrate material like Alumina). | | **4443** | Dimensional or attenuation characteristic code. | | **R2** | Revision code or specific tolerance (e.g., $\pm$ 0.2dB or 0.5dB). | | **N** | Termination finish (often denotes Non-magnetic or Lead-free/RoHS compliant). | --- ### 4. Typical Internal Circuitry Internally, these parts consist of a thin-film resistive network, usually in a **Pi ($\pi$)** or **T-network** configuration to maintain constant impedance while dropping voltage. ```mermaid graph LR In(Input) --> R1[Resistor 1] R1 --> Out(Output) R1 --- R2[Shunt Resistor] R2 --- GND(Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact dB attenuation rating for the 4443 code in this series?
    • ⤷ Is this component RoHS compliant according to the 'N' suffix?
    • ⤷ What are the typical thermal operating limits for M2AS1 series attenuators?