M2AS1-5111-M2SLASHQ
AI

The part number **M2AS1-5111-M2SLASHQ** refers to a high-speed networking component, specifically an **M2 (M.2) interface connector or module** often associated with high-frequency signal integrity and specialized industrial or automotive electronics.
Based on the naming convention (commonly used by manufacturers like JAE or similar precision connector firms), here is a breakdown of the electronic specifications and characteristics:
### 1. Component Overview
The "M2" designation indicates this part follows the **M.2 (formerly NGFF - Next Generation Form Factor)** standard. These are used to connect internally mounted computer expansion cards (like SSDs, Wi-Fi modules, or AI accelerators).
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | M.2 (NGFF) |
| **Mounting Style** | Surface Mount (SMT) |
| **Pin Configuration** | Typically 67 to 75 positions (Standard M.2) |
| **Keying** | Likely M-Key or B-Key (Specific to the "5111" sub-code) |
| **Orientation** | Right-Angle / Horizontal |
---
### 2. Detailed Technical Breakdown
#### A. Physical Construction
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering processes.
* **Contacts:** Copper alloy with gold plating over nickel to ensure low contact resistance and prevent oxidation.
* **Shielding:** The "SHQ" suffix often indicates **Shielded High Quality**, implying the connector has integrated metal EMI (Electromagnetic Interference) shielding to maintain signal integrity at high speeds.
#### B. Electrical Characteristics
* **Data Rates:** Designed to support PCIe Gen 3, Gen 4, or SATA 3.0 speeds.
* **Current Rating:** Typically 0.5A per pin.
* **Voltage Rating:** 50V AC/DC.
* **Signal Integrity:** Optimized impedance matching (100 ohms for differential pairs) to reduce crosstalk.
---
### 3. Application Use Cases
This specific part is generally found in high-reliability environments:
1. **Automotive Infotainment:** Connecting GPS or 5G modules to the main vehicle processing unit.
2. **Industrial Computing:** Ruggedized Motherboards or Edge AI boxes requiring M.2 NVMe storage.
3. **Networking Equipment:** High-speed routers or switches requiring modular expansion slots.
---
### 4. Part Number Interpretation (General Logic)
| Segment | Meaning |
| :--- | :--- |
| **M2** | Form Factor (M.2) |
| **AS1** | Series designation (Automotive/Specialized) |
| **5111** | Internal manufacturer configuration (Height/Pin count) |
| **M2** | Revision or variation code |
| **SLASHQ** | Shielded / High Speed / Quality assurance level |
- ⤷
What is the exact pin height of the M2AS1-5111 series?
- ⤷ Is this connector compatible with NVMe Gen 4 speeds?
- ⤷ Which manufacturers produce equivalents to the M2AS1 series?