M2AS1-5112-R
AI

The **M2AS1-5112-R** is a specific model of an **Electromagnetic Relay**, typically manufactured by companies like **Sanyou** or similar industrial relay providers. It is designed to act as an electrically operated switch, allowing a low-power signal to control a much higher-power circuit.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Specification | Description |
|:--- |:--- |:--- |
| **Relay Type** | Miniature Power Relay | Small footprint for PCB mounting. |
| **Contact Form** | 1 Form A (SPST-NO) | One set of "Normally Open" contacts. |
| **Coil Voltage** | 12V DC | Requires 12V to energize the coil. |
| **Contact Rating** | ~5A to 10A | Maximum current the contacts can switch. |
| **Termination** | PCB Terminals | Through-hole pins for soldering to a board. |
| **Sealing** | Sealed/Wash-tight | Protected against flux and cleaning agents. |
---
### 2. Electronic Component Breakdown
The device consists of three main functional sections:
#### A. The Input (Coil) Side
* **Inductive Load:** The "5112" designation indicates a **12V DC coil**. When current flows through this coil, it creates a magnetic field.
* **Sensitivity:** These relays are usually "Standard" sensitivity (approx. 200mW - 450mW power consumption).
#### B. The Output (Contact) Side
* **Material:** Usually Silver Alloy (AgSnO2 or AgNi) to resist "arcing" and welding when switching under load.
* **Switching Capacity:** Capable of handling AC voltages (e.g., 250VAC) or DC voltages (e.g., 30VDC).
#### C. Mechanical Structure
* **Armature:** The moving part that closes the circuit when the coil is energized.
* **Return Spring:** Ensures the contacts open immediately once power is removed from the coil.
---
### 3. Common Applications
Due to its small size and reliable switching, the M2AS1-5112-R is found in:
1. **Home Appliances:** Air conditioner control boards and microwave ovens.
2. **Industrial Controls:** PLC output modules.
3. **Automotive Electronics:** Power window or central locking sub-systems.
4. **Smart Home:** Smart plugs and lighting controllers.
---
### 4. Circuit Protection Tip
When using this relay in a circuit, always place a **Flyback Diode** (such as a 1N4007) in parallel with the coil (pointing toward the positive rail). This protects your driving transistor from the voltage spike generated when the relay coil is de-energized.
- ⤷
What is the exact pinout configuration for the M2AS1 series?
- ⤷ Can this relay be used to switch 220V AC mains power safely?
- ⤷ What is the difference between the '1 Form A' and '1 Form C' versions of this relay?