M2AS1-5112-R2
AI

The **M2AS1-5112-R2** is a specialized high-speed connector, typically classified as an **M.2 (Next Generation Form Factor / NGFF)** socket. These components are fundamental in modern computing for interfacing SSDs, Wi-Fi modules, and LTE/5G cards with motherboards.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this part series (often manufactured by vendors like **Lotes** or **Foxconn**), the technical breakdown is as follows:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF) |
| **Keying** | Likely **A-Key** or **E-Key** (Common for Wireless/IoT modules) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Positions** | 67-75 Pins (Standard for M.2) |
| **Height** | 4.2mm - 5.2mm (Series dependent) |
| **Pitch** | 0.50 mm |
| **Data Rates** | Supports PCIe Gen 3/4, USB 3.0, and SATA 3.0 |
---
### 2. Physical Construction
The part consists of several critical electronic and mechanical elements:
* **Housing:** High-temperature thermoplastic (UL94V-0 rated) designed to withstand reflow soldering temperatures.
* **Contacts:** Copper alloy with selective **Gold Plating** on the contact area to ensure low electrical resistance and prevent corrosion over high-frequency signals.
* **Solder Tabs:** Large metal "ears" on the sides provide mechanical stability, ensuring the connector doesn't rip off the PCB during module insertion or vibration.
---
### 3. Pinout and Signal Integrity
The "Electronic" nature of this part revolves around its ability to handle high-speed differential pairs:
1. **Differential Pairs:** Specifically routed to handle impedance-controlled signals (usually 85Ω or 100Ω) for PCIe lanes.
2. **Power Delivery:** Dedicated pins for 3.3V rail supply to the module.
3. **Grounding:** Multiple ground pins are interspersed between signal pins to minimize **Crosstalk** and **EMI (Electromagnetic Interference)**.
---
### 4. Common Applications
This specific part number is frequently found in:
* **Laptops/Notebooks:** For Wi-Fi 6/6E cards.
* **Industrial PCs:** For M.2 communication modules.
* **IoT Gateways:** To interface with LoRa or Zigbee M.2 expansion cards.
- ⤷
What is the specific 'Key' (A
- ⤷ B
- ⤷ M
- ⤷ or E) for the R2 revision of this connector?
- ⤷ What are the recommended soldering temperature profiles for this SMT component?
- ⤷ Does this connector support PCIe Gen 5 signaling speeds?