전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-5213-R2/CE

  • AI
    The **M2AS1-5213-R2/CE** is a specialized high-performance embedded server motherboard, typically designed for industrial applications, edge computing, or high-density storage servers. It is often associated with manufacturers like Inspur or specific industrial hardware providers. --- ### ## Technical Specifications Overview The following table outlines the core electronic components and interfaces found on this board: | Component | Specification | Description | | :--- | :--- | :--- | | **Form Factor** | Proprietary/Custom | Designed for specific server chassis or edge appliances. | | **Processor Support** | Intel® Xeon® Scalable | Supports high-core count CPUs with LGA 3647 or similar sockets. | | **Memory Slots** | 8x - 16x DIMM Slots | Supports DDR4 ECC RDIMM/LRDIMM for data integrity. | | **Chipset** | Intel C621/C622 Series | Provides high-speed I/O lanes for SATA, USB, and PCIe. | | **Storage Interface** | NVMe (M.2) & SATA | Includes M.2 slots for OS boot and Mini-SAS/SATA for storage. | | **Networking** | 10GbE / 1GbE SFP+ | Often features integrated high-speed networking for data centers. | | **Management** | BMC (AST2500/AST2600) | IPMI 2.0 support for remote hardware monitoring and control. | --- ### ### Key Electronic Subsystems #### 1. Power Delivery (VRM) The board utilizes a multi-phase **Voltage Regulator Module (VRM)** system to convert power from the 12V DC input to the low voltages required by the CPU (Vcore). It typically features high-efficiency DrMOS chips and solid capacitors to ensure stability under 24/7 workloads. #### 2. BMC & Management Logic The "CE" designation often implies specific compliance or management features. It includes a **Baseboard Management Controller (BMC)** chip, which acts as a secondary processor. This allows administrators to: * Monitor temperatures and fan speeds. * Update BIOS/Firmware remotely. * Power cycle the system even if the primary OS is unresponsive. #### 3. PCIe Expansion and Signal Integrity Given its "M2AS" nomenclature, this board is optimized for **PCIe Gen 3 or Gen 4** lanes. High-speed signal re-drivers or retimers are used on the PCB to maintain data integrity over the long traces leading to the expansion slots or M.2 connectors. #### 4. Thermal Design Industrial boards like this feature specialized fan headers (4-pin PWM) and thermal sensors located near the VRMs and PCH (Platform Controller Hub) to prevent thermal throttling. --- ### ### Common Applications * **Edge AI Inference:** Utilizing the PCIe slots for GPU or TPU acceleration. * **Storage Arrays:** Managing high-speed NVMe or SSD arrays. * **Network Appliances:** Acting as a firewall or high-throughput gateway.
    ✨ Follow-up Questions
    • ⤷Which CPU socket type does this specific revision (R2) support?
    • ⤷ What are the power requirements for the M2AS1 series?
    • ⤷ Does this motherboard support PCIe Gen 4 or Gen 5?