전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-5231-R2/Q

  • AI
    The **M2AS1-5231-R2/Q** is a high-performance, automotive-grade Ethernet magnetic module (transformer). It is typically used in networking interfaces to provide galvanic isolation and signal conditioning between the Physical Layer (PHY) chip and the RJ45 connector. Below is a breakdown of its technical specifications and electronic components. --- ### 1. Key Technical Specifications This component is designed to meet the rigorous demands of automotive environments (AEC-Q200 qualified). | Feature | Specification | | :--- | :--- | | **Data Rate** | 1000Base-T (Gigabit Ethernet) | | **Number of Ports** | Single Port | | **Operating Temperature** | -40°C to +125°C | | **Isolation Voltage** | 1500 Vrms | | **AEC-Q200** | Compliant (Automotive Grade) | | **Configuration** | 1:1 Turns Ratio | --- ### 2. Internal Electronic Structure The device consists of three primary passive components integrated into a single surface-mount package: #### A. Isolation Transformers * **Purpose:** Provides magnetic coupling for data signals while blocking high-voltage DC offsets. * **Turns Ratio:** Usually 1:1, ensuring signal integrity across the isolation barrier. #### B. Common Mode Chokes (CMC) * **Purpose:** To suppress Electromagnetic Interference (EMI). * **Function:** It allows differential signals (the actual data) to pass through while providing high impedance to common-mode noise, which is critical in the noisy electrical environment of a vehicle. #### C. Center Tap Termination (Auto-Transformers) * **Purpose:** Helps in impedance matching and provides a path for Bob Smith termination to reduce common-mode emissions and improve ESD (Electrostatic Discharge) robustness. --- ### 3. Pin Configuration and Application The **M2AS1-5231-R2/Q** typically features a 24-pin or similar SMD layout. * **Media Side:** Connects to the RJ45 or automotive Ethernet connector. * **PHY Side:** Connects to the Ethernet Controller/Transceiver. #### Typical Application Diagram Concept ```text [ PHY Chip ] <---> [ M2AS1-5231-R2/Q Transformer ] <---> [ Automotive Connector ] | (Internal CMC) | (Internal Isolation) ``` --- ### 4. Why the "Q" Suffix Matters The **/Q** at the end of the part number signifies that the component has undergone **Automotive Quality** testing. This includes: * Higher vibration resistance. * Stricter thermal cycling protocols. * Compliance with IATF 16949 manufacturing standards.
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for this module?
    • ⤷ How does AEC-Q200 qualification differ from standard industrial grades?
    • ⤷ Which automotive Ethernet PHY chips are most compatible with this transformer?