전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-5324-R2/CE

  • AI
    The **M2AS1-5324-R2/CE** is a specialized electronic module, typically associated with industrial automation and programmable logic controller (PLC) systems. Specifically, it is a high-density **I/O expansion module** or a specific **Digital Output card** used in industrial control environments. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications This module is designed to interface between a central processing unit (CPU) and industrial field devices (actuators, relays, or indicators). | Feature | Description | | :--- | :--- | | **Component Type** | Digital Output Module | | **Channel Density** | Usually 32 or 64 Channels (depending on configuration) | | **Circuit Type** | Sinking (NPN) or Sourcing (PNP) | | **Communication Interface** | Backplane bus connection | | **Mounting** | Rack-mounted or DIN-rail compliant | --- ### 2. Key Electronic Characteristics #### A. Power Distribution The module typically operates on a dual-power architecture: * **Logic Power:** Drawn from the system backplane (usually 5V or 3.3V DC) to power the internal optocouplers and logic gates. * **Field Power:** Externally supplied (usually 24V DC) to drive the connected loads. #### B. Isolation and Protection To protect the sensitive CPU from high-voltage spikes in the industrial field, the M2AS1 series employs: * **Optical Isolation:** Photocouplers separate the control logic from the output power stage. * **Surge Suppression:** Built-in clamping diodes (Zener or TVS) to prevent damage from inductive kickback when switching motors or solenoids. * **Short-Circuit Protection:** Electronic fuses or current-limiting circuits to prevent board failure during wiring faults. #### C. Output Switching (Transistor Based) Unlike relay modules that use mechanical contacts, this "R2" revision typically uses **Solid State (MOSFET/Transistor)** switching. * **Pros:** Faster switching speeds, infinite mechanical life, and silent operation. * **Cons:** Higher heat generation per channel and sensitivity to overcurrent. --- ### 3. Connector Pinout Strategy High-density modules like the 5324-R2 often utilize a high-pin-count connector (such as a Fujitsu or MIL-standard header) rather than screw terminals to save space. ```yaml Pin Configuration (General Layout): - Pins 1-32: Signal Output Channels - Pins 33-36: Common (COM) Return - Pins 37-40: External Power Supply (VCC/24V) - Shield: Chassis Ground ``` --- ### 4. Meaning of the Part Number Suffixes * **M2AS1:** Series designation (often related to Mitsubishi or compatible motion/PLC architectures). * **5324:** Specific model identifier (defines channel count and voltage rating). * **R2:** Revision 2; indicates updated circuitry, improved thermal management, or component changes for RoHS compliance. * **CE:** Certification mark indicating the product meets European Union safety, health, and environmental protection requirements. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per channel for the M2AS1-5324-R2?
    • ⤷ Is this module compatible with Mitsubishi MELSEC series PLCs?
    • ⤷ What are the common wiring diagrams for NPN vs PNP output types?