전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-6132-R/N

  • AI
    The **M2AS1-6132-R/N** is a specialized electronic component, typically categorized as a **Micro-USB 2.0 Connector (Type B)** designed for Surface Mount Technology (SMT) applications. This specific part number is common in consumer electronics for charging and data transfer interfaces. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro USB 2.0 Type B | | **Gender** | Receptacle (Female) | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Number of Contacts** | 5 Pins | | **Current Rating** | 1.0A - 1.8A (Pin dependent) | | **Voltage Rating** | 30V AC/DC | | **Material** | Stainless Steel Shell / High-Temp Thermoplastic | --- ### 2. Physical Structure and Pins The "6132" series usually refers to a specific mechanical footprint. Here is how the electronic parts are integrated: * **Contacts (Pins):** Made of copper alloy with gold plating to prevent oxidation and ensure low contact resistance. * *Pin 1:* VCC (+5V) * *Pin 2:* Data - * *Pin 3:* Data + * *Pin 4:* ID (Used for OTG functions) * *Pin 5:* GND (Ground) * **The Shell (Shielding):** A stainless steel or nickel-plated housing that provides EMI/RFI protection and serves as a structural "ground" when soldered to the PCB. * **Solder Tabs:** These are the mechanical "wings" or legs that provide physical stability to the PCB so the connector doesn't rip off during repeated plugging/unplugging. --- ### 3. Part Number Suffix Breakdown * **-R:** Generally indicates that the component is compliant with **RoHS** (Restriction of Hazardous Substances) standards. * **/N:** Often denotes a specific plating or packaging variation (e.g., **Nickel** plating on the shell or Tape & Reel packaging for automated assembly). --- ### 4. Implementation Details ```python # Typical Circuit Integration Checklist circuit_requirements = { "ESD_Protection": "Required (TVSDiodes on D+/D- lines)", "Bypass_Capacitor": "10uF on VBUS line recommended", "Chassis_Ground": "Connect shell to Earth/Shield ground", "Data_Impedance": "90 Ohm differential pair routing" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact PCB footprint dimensions for the M2AS1 series?
    • ⤷ Is this connector rated for high-speed USB 3.0 data rates?
    • ⤷ What are the recommended soldering temperature profiles for this SMT part?