전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-6322-R2/Q

  • AI
    The **M2AS1-6322-R2/Q** is a high-performance, industrial-grade AC-DC power supply module typically designed for server, networking, and telecommunications infrastructure. It is part of the common "CRPS" (Common Redundant Power Supply) family or similar high-efficiency architectures. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters for this class of power module: | Parameter | Specification (Typical) | | :--- | :--- | | **Form Factor** | CRPS (Common Redundant Power Supply) | | **Input Voltage** | 90V - 264V AC (Universal) | | **Output Power** | 1600W - 2200W (Varies by specific SKU) | | **Main Output** | +12V DC | | **Standby Output** | +12Vsb / +5Vsb | | **Efficiency Rating** | 80 PLUS Platinum / Titanium | | **Communication** | PMBus 1.2 / I2C Support | --- ### 2. Core Electronic Components The internal circuitry of the M2AS1 series consists of several high-complexity stages designed for density and efficiency: #### A. Input & PFC Stage * **Bridge Rectifier:** Converts AC to pulsating DC. * **Power Factor Correction (PFC):** Uses active MOSFETs and high-frequency inductors to ensure the current is in phase with voltage, reducing harmonic distortion. * **Bulk Capacitors:** Large electrolytic capacitors (usually rated at 450V) to hold energy during "hold-up time" events. #### B. DC-DC Conversion (Primary to Secondary) * **Resonant LLC Converter:** Utilizes high-speed switching transistors (GaN or SiC in newer versions) to minimize switching losses. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. * **Synchronous Rectification:** Uses MOSFETs instead of diodes on the secondary side to maximize efficiency by reducing voltage drops. #### C. Control & Monitoring * **Microcontroller (MCU) / DSP:** Manages the digital control loops for voltage regulation and protects against OVP (Over Voltage), OCP (Over Current), and OTP (Over Temperature). * **EEPROM:** Stores FRU (Field Replaceable Unit) data, serial numbers, and usage logs. --- ### 3. Connection Interface The "R2/Q" suffix often refers to the specific revision or mechanical connector layout. * **Gold Finger Connector:** The power and signals are delivered through a PCB edge connector (Gold Fingers) rather than cables. * **Pinout Groups:** 1. **Power Blades:** Wide tracks for +12V and Ground. 2. **Signal Pins:** Smaller pins for `PS_ON`, `PS_KILL`, `SCL/SDA` (I2C), and `Alert`. --- ### 4. Implementation Example If you were interfacing with this unit via a microcontroller for monitoring, you would use the PMBus protocol: ```python # Example: Reading Output Voltage via PMBus (I2C) import smbus # Device Address (Typical) address = 0x58 # PMBus Command for Reading VOUT (0x8B) READ_VOUT = 0x8B def get_voltage(bus_path): bus = smbus.SMBus(bus_path) raw_data = bus.read_word_data(address, READ_VOUT) # Convert Linear11 or Direct format based on datasheet return raw_data / 100.0 ```
    ✨ Follow-up Questions
    • ⤷ What is the exact 80 PLUS efficiency rating for the R2/Q revision?
    • ⤷ Does this model support 'Cold Redundancy' features for power saving?
    • ⤷ What is the specific pinout configuration for the PMBus interface on this unit?