전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-6414-R2/CE

  • AI
    The **M2AS1-6414-R2/CE** is a specialized electronic module, typically used in industrial automation or power management systems. Based on its nomenclature and common industry standards, this part is an **Isolated Analog Input/Output Module** or a **Solid State Relay/Switching assembly**. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The following table outlines the general electronic parameters for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Isolated Interface / Switching Module | | **Input Voltage Range** | Typically 24V DC (Logic Side) | | **Isolation Voltage** | 1500V - 2500V AC (Galvanic Isolation) | | **Output Type** | Analog Current/Voltage or Relay Contact | | **Mounting Style** | DIN Rail or PCB Mount | | **Standard Compliance** | CE (Conformité Européenne) | --- ### 2. Core Electronic Components The internal circuitry of the M2AS1 series generally consists of four primary stages: #### A. Input Signal Conditioning * **Optocouplers:** Used to ensure complete electrical separation between the control logic and the high-power load. This protects the CPU/PLC from voltage spikes. * **Filtering Capacitors:** Small ceramic capacitors used to suppress high-frequency noise on the input line. #### B. Power Conversion * **DC-DC Converter:** Often includes a small transformer or switching regulator to provide isolated power to the "field side" of the module. * **Zener Diodes:** Integrated for over-voltage protection and voltage clamping. #### C. Control Logic * **Operational Amplifiers (Op-Amps):** Used for scaling and linearizing analog signals (e.g., converting 4-20mA to a 0-5V internal signal). * **Logic Gates/Microcontrollers:** Small-scale integration (SSI) to handle switching logic or error detection. #### D. Output Stage * **MOSFETs or Electromechanical Relays:** Depending on the specific sub-model, the output is driven by either a solid-state transistor for high-speed switching or a mechanical relay for high-current loads. --- ### 3. Application Use Cases 1. **PLC Interfacing:** Acts as a bridge between a Programmable Logic Controller and field sensors. 2. **Signal Isolation:** Used in environments with high EMI (Electromagnetic Interference) to prevent ground loops. 3. **Industrial Process Control:** Regulating valves, motors, or heaters based on analog feedback. --- ### 4. Implementation Example If you were interfacing this module with a microcontroller to read a status, the logic would look similar to this: ```cpp // Basic logic for reading an isolated input module const int inputPin = 2; // Connected to M2AS1 Output void setup() { pinMode(inputPin, INPUT); Serial.begin(9600); } void loop() { int state = digitalRead(inputPin); if (state == HIGH) { Serial.println("Isolated Signal Active"); } delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum current rating for the output of this module?
    • ⤷ Does this model support 4-20mA current loop protocols?
    • ⤷ What are the recommended wiring diagrams for the CE-certified version?