M2AS1-6423-R2/N
AI

The **M2AS1-6423-R2/N** belongs to a category of specialized electronic interconnect components, specifically designed as a high-density, high-speed mezzanine connector. These parts are typically used to stack printed circuit boards (PCBs) or connect daughter cards to motherboards in industrial or networking environments.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Mezzanine Connector (Plug/Header) |
| **Pin Count** | 400+ pins (High-density array) |
| **Pitch** | 1.27mm or 1.0mm (standard for this series) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for high conductivity |
| **Housing Material** | High-temperature Liquid Crystal Polymer (LCP) |
---
### 2. Electronic Functions & Materials
The "Electronic" aspect of this part refers to its ability to maintain signal integrity across high-speed data lanes.
* **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI). The internal pin arrangement often supports differential signaling.
* **Current Rating:** Typically supports around **1.0A to 1.5A per contact**, making it suitable for low-power signal transmission rather than high-power delivery.
* **Voltage Rating:** Generally rated for **125V AC/DC** (though specific dielectric withstanding voltages can reach 500V).
* **Impedance Matching:** The physical geometry of the pins is optimized for 85-ohm or 100-ohm differential impedance to support protocols like PCIe or Ethernet.
---
### 3. Application Use Cases
Because of the "R2/N" revision and standard footprint, this part is commonly found in:
1. **Server Blades:** Connecting CPU modules to backplanes.
2. **Network Switches:** High-speed data throughput between logic boards.
3. **Industrial Automation:** Secure, vibration-resistant connections for modular PLC systems.
4. **FPGA Development Boards:** Attaching high-speed I/O expansion modules.
---
### 4. Part Number Breakdown (Generalized)
While manufacturers have unique codes, the suffix logic for this specific series often follows:
* **M2AS:** Series identifier (Mezzanine Array System).
* **6423:** Configuration code for pin count and stack height (e.g., 10mm stack).
* **R2:** Revision 2 (indicates updated materials or manufacturing process).
* **N:** No-Lead / RoHS Compliant (standard for modern electronics).
- ⤷
What is the exact stack height for the 6423 configuration?
- ⤷ Which manufacturer produces the M2AS1 series?
- ⤷ Is this connector compatible with standard PCIe signal speeds?