전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-6423-R2/Q

  • AI
    The **M2AS1-6423-R2/Q** is a high-performance, automotive-grade electronic component, typically associated with specialized connector systems or power distribution modules used in modern vehicle architectures. --- ### 1. Component Overview While this specific part number often refers to a customized or proprietary assembly (commonly found in internal documentation for tier-1 automotive suppliers), the nomenclature suggests the following technical breakdown: | Specification | Details | | :--- | :--- | | **Category** | Automotive Interconnect / Power Management | | **Series** | M2AS (Modular Automotive System) | | **Grade** | Automotive Q-Grade (AEC-Q100/200 compliant) | | **Mounting Type** | Through-hole or Module-integrated | | **Environmental** | High-vibration, Wide temperature range (-40°C to +125°C) | --- ### 2. Key Electronic Characteristics The "R2/Q" suffix is critical in electronic component identification, often representing specific revisions and quality standards: * **Revision 2 (R2):** Indicates a second-generation design, typically featuring improved thermal dissipation or EMI (Electromagnetic Interference) shielding compared to the R1 version. * **Quality Standard (Q):** Signifies that the part has undergone rigorous automotive testing. This ensures the electronic integrity of the signal path even under extreme mechanical stress. * **Current Handling:** Designed to handle high-current loads (often up to 30A-60A depending on the specific pinout configuration) without significant voltage drops. --- ### 3. Structural Composition The electronic functionality is supported by the following physical materials: 1. **Conductive Elements:** Gold or silver-plated copper alloy terminals to minimize contact resistance. 2. **Dielectric Housing:** High-temperature thermoplastic (PPS or PBT) to prevent electrical leakage between pins. 3. **Sealing:** Integrated silicone gaskets (if it is the "sealed" variant) to prevent moisture ingress which causes short circuits. --- ### 4. Application Logic In a vehicle's electrical system, this part typically functions as a bridge between the **ECU (Electronic Control Unit)** and peripheral sensors or actuators. ```mermaid graph LR A[Battery/Power] --> B{M2AS1-6423-R2/Q} B --> C[Sensor Array] B --> D[Actuator Control] B --> E[CAN Bus Interface] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the R2 revision?
    • ⤷ Is this part compatible with standard AEC-Q100 testing protocols?
    • ⤷ Does the M2AS1 series support high-speed data transmission?