전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-6431-R/

  • AI
    The **M2AS1-6431-R** is a specific electronic component, typically categorized as a **Magnetic RJ45 Jack** (also known as an Integrated Connector Module or ICM). These components are essential in networking hardware to provide physical connectivity and electrical isolation for Ethernet signals. --- ## 1. Component Overview The "M2AS" series usually refers to a single-port, Tab-Up, RJ45 connector that integrates internal magnetics (transformers and chokes). The suffix "-R" generally denotes **RoHS compliance**. | Feature | Specification | | :--- | :--- | | **Part Number** | M2AS1-6431-R | | **Connector Type** | RJ45 (8P8C) | | **Data Rate** | 10/100 Base-T (Fast Ethernet) | | **Orientation** | Right Angle / Side Entry | | **Tab Direction** | Tab-Up | | **LED Configuration** | Typically Green/Yellow (depending on specific sub-variant) | --- ## 2. Internal Electronic Parts An Integrated Connector Module like the M2AS1-6431-R is not just a plastic housing; it contains a miniature PCB with the following discrete electronic components: ### A. Isolation Transformers * **Purpose:** Provides 1500Vrms isolation between the internal PHY (Physical Layer chip) and the external network cable. * **Function:** Protects sensitive electronic circuits from high-voltage surges and static electricity on the Ethernet line. ### B. Common Mode Chokes (CMC) * **Purpose:** Noise suppression. * **Function:** Filters out electromagnetic interference (EMI) and prevents high-frequency noise from radiating out of the cable. ### C. Bob Smith Termination * **Components:** 75-ohm resistors and high-voltage capacitors (typically 1000pF/2kV). * **Function:** Terminates unused wire pairs and the center taps of the transformers to ground to reduce common-mode noise and improve EMC performance. ### D. Integrated LEDs * **Purpose:** Visual status indicators. * **Yellow/Green:** Usually indicates "Link" status and "Activity" (flashing). --- ## 3. Pinout and Circuit Schematic While specific pinouts can vary by manufacturer, the standard 10/100 magnetics schematic inside this part usually follows this logic: ```text [Cable Side] <---> [Magnetics] <---> [PCB/PHY Side] Pair 1 (TX) ---- Transformer ---- TX+/TX- Pins Pair 2 (RX) ---- Transformer ---- RX+/RX- Pins Shield ---- Capacitor ---- Chassis Ground ``` --- ## 4. Key Applications * **Embedded Systems:** Microcontrollers with built-in Ethernet MACs. * **Industrial PC (IPC):** Providing ruggedized network ports. * **IoT Gateways:** Connecting smart sensors to a local area network. * **Set-Top Boxes:** For wired internet connectivity.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-6431-R?
    • ⤷ What are the recommended soldering temperature profiles for this part?
    • ⤷ Can this component be used for Gigabit (1000 Base-T) Ethernet?