전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A111-R

  • AI
    The **M2AS1-A111-R** is a specific model of an **Industrial Joystick Controller**, typically manufactured by companies like **Apem** or similar industrial control specialists. These components are designed for heavy-duty applications such as cranes, construction equipment, and medical devices. --- ### 1. Component Overview This part belongs to a modular joystick series. The model number breakdown usually identifies the physical construction, the number of axes, and the output signal type. | Feature | Specification | | :--- | :--- | | **Component Type** | Multi-axis Industrial Joystick | | **Mounting Style** | Panel Mount (Drop-in or Rear mount) | | **Axis Configuration** | 2-Axis (X and Y movement) | | **Technology** | Hall Effect (Non-contacting) or Potentiometric | | **Termination** | Wire Leads or Connectorized (Standard R-series) | --- ### 2. Key Electronic Characteristics The "Electronic Parts" of this device focus on how it translates physical movement into electrical signals: * **Sensors:** Most modern versions use **Hall Effect sensors**. These detect the position of a magnet attached to the joystick shaft, providing a voltage output proportional to the angle of the stick. * **Supply Voltage ($V_{cc}$):** Typically operates on **5V DC** (regulated) or **12-24V DC** depending on the internal voltage regulator. * **Output Signal:** * **Analog:** 0.5V to 4.5V (centered at 2.5V). * **Redundancy:** Often features "Dual Outputs" for safety-critical applications, where two sensors provide identical or inverse signals to detect hardware failure. * **Current Consumption:** Low power draw, usually < 10mA per axis. --- ### 3. Pinout and Wiring (General Example) While specific wiring depends on the exact sub-revision, a standard 2-axis analog joystick follows this logic: ```yaml Pin 1: Vcc (+5V) Pin 2: Ground (0V) Pin 3: X-Axis Output (Analog) Pin 4: Y-Axis Output (Analog) Pin 5: Center Detect / Pushbutton (Optional) ``` --- ### 4. Mechanical & Environmental Integration The electronics are protected by several mechanical layers to ensure longevity in harsh environments: * **IP Rating:** Usually **IP65 or IP67** above the panel, protecting the internal sensors from dust and water. * **Return to Center:** Spring-loaded mechanism ensures the electrical output returns to the "Neutral" voltage when released. * **Operating Life:** Rated for millions of cycles because there are no sliding electrical contacts (if using Hall Effect).
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage range for the A111 variant?
    • ⤷ Does this model support a 'Deadman' trigger or top-button functionality?
    • ⤷ Is the M2AS1-A111-R compatible with CANbus or J1939 protocols?