전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A124-R2/CE

  • AI
    The **M2AS1-A124-R2/CE** is a high-performance **Industrial AC Servo Motor** manufactured by **Delta Electronics**, belonging to the **ASDA-A2** series. These motors are designed for high-speed, high-precision applications in automated machinery. --- ### 1. Technical Specifications The following table outlines the primary electronic and mechanical ratings for this specific model: | Parameter | Specification | | :--- | :--- | | **Series** | ASDA-A2 | | **Rated Output Power** | 400 W (0.4 kW) | | **Input Voltage** | 220V AC (Single/Three Phase) | | **Rated Torque** | 1.27 N-m | | **Max Torque** | 3.82 N-m | | **Rated Speed** | 3000 RPM | | **Max Speed** | 5000 RPM | | **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) | | **Brake Option** | No Brake (Standard) | --- ### 2. Key Electronic Components & Features #### A. 20-bit Optical Encoder The "R2" designation indicates the inclusion of a high-resolution absolute/incremental encoder. * **Resolution:** It provides 1,280,000 pulses per revolution. * **Function:** This allows for extreme positioning accuracy and smooth rotation at low speeds, which is critical for CNC and robotic arms. #### B. Permanent Magnet Synchronous Motor (PMSM) The motor uses high-grade permanent magnets on the rotor. Unlike induction motors, this electronic design ensures: * High power density (small footprint for high torque). * Low rotor inertia, allowing for rapid acceleration and deceleration. #### C. Integrated Safety & Protection (CE Marking) The `/CE` suffix indicates compliance with European Union safety standards. Electronic protections include: * **Overcurrent Protection:** Prevents winding damage during stalls. * **Overvoltage Protection:** Guards against regenerative energy spikes. * **Thermal Sensors:** Embedded sensors to prevent overheating. --- ### 3. Connection Interface The motor interfaces with the **ASD-A2-0421-M/F/L/U** series servo drives using the following connectors: 1. **Power Cable:** Supplies U, V, W, and Ground (G) phases to the stator windings. 2. **Encoder Cable:** A dedicated shielded cable to transmit high-speed differential signals back to the drive for closed-loop control. --- ### 4. Typical Applications Due to its 400W power rating and high-speed capability, it is commonly found in: * **SMT (Surface Mount Technology) machines.** * **Packaging equipment.** * **Medical imaging tables.** * **Laser cutting heads.**
    ✨ Follow-up Questions
    • ⤷ Which Delta Servo Drive series is most compatible with the M2AS1-A124-R2/CE?
    • ⤷ What are the wiring differences between the Power and Encoder cables for this motor?
    • ⤷ How does the 20-bit encoder resolution improve motion smoothness compared to 17-bit models?