전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A222-R

  • AI
    The **M2AS1-A222-R** is a specific model within the series of industrial control switches, typically classified as a **22mm Selector Switch**. These components are fundamental in industrial automation for manual system control. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Hole Diameter** | 22mm (Standard Industrial Size) | | **Operator Type** | 2-Position Selector (Stay-put/Maintained) | | **Contact Configuration** | 2 NO (Normally Open) | | **Illumination** | Non-Illuminated | | **Bezel Material** | Typically Plastic or Metallic (standard for M2 series) | | **Color** | Black Lever/Knob | --- ### Core Electronic Components The assembly of the M2AS1-A222-R consists of three primary electronic and mechanical sections: #### 1. The Operator Head (Actuator) The visible part on the outside of the control panel. * **Mechanism:** A rotary knob that can be turned to two distinct positions (e.g., 0 and 1). * **Action:** "Maintained" action means the switch stays in the position where you turn it; it does not spring back to the center. #### 2. The Contact Blocks These are the actual electrical switching elements snapped onto the back of the operator. * **Type A22:** Represents the contact block series. * **22 Configuration:** Indicates two "Normally Open" (NO) contact blocks. When the switch is turned to the "ON" position, both electrical circuits are closed simultaneously. * **Rating:** Usually rated for AC-15 (6A at 230V) or DC-13 (inductive loads), making them suitable for triggering PLC inputs or motor starters. #### 3. The Mounting Collar A mechanical interface that locks the operator head to the control panel and provides the tracks for the contact blocks to click into place. --- ### Wiring Logic In a standard setup, the wiring for the **2 NO** blocks follows this logic: | Position | Contact 1 (NO) | Contact 2 (NO) | | :--- | :--- | :--- | | **Left (Off)** | Open (No Flow) | Open (No Flow) | | **Right (On)** | Closed (Flow) | Closed (Flow) | --- ### Common Applications * **Power Sequencing:** Turning on two separate control circuits at once. * **Mode Selection:** Switching a machine from "Manual" to "Auto" mode. * **Safety Interlocks:** Ensuring two different logic paths are energized before a process starts.
    ✨ Follow-up Questions
    • ⤷What is the difference between 'Maintained' and 'Momentary' versions of this switch?
    • ⤷ Can I add more contact blocks to this specific model?
    • ⤷ What is the IP rating for the M2AS1 series?