전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A222-R2/N

  • AI
    Based on the product code **M2AS1-A222-R2/N**, this device is a high-performance **Industrial AC Servo Motor**, typically manufactured by brands like **Delta Electronics** (ASDA-A2 Series) or similar industrial motion control specialists. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specification Table | Attribute | Specification Details | | :--- | :--- | | **Product Series** | ASDA-A2 Series (High Performance) | | **Rated Output Power** | 2.0 kW (2000 Watts) | | **Input Voltage** | 3-Phase AC 220V | | **Motor Type** | Brushless AC Synchronous Servo | | **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) | | **Rated Speed** | 2000 RPM | | **Max Speed** | 3000 RPM | | **Keyway/Oil Seal** | Included (Standard industrial fit) | --- ### 2. Key Electronic Parts and Functions #### A. High-Resolution Encoder (20-bit) The most critical electronic sub-assembly is the optical or magnetic encoder at the rear of the motor. - **Function:** It provides real-time feedback to the Servo Drive. - **Precision:** With 20-bit resolution, it ensures extremely smooth motion at low speeds and highly accurate positioning, which is vital for CNC and robotic applications. #### B. Permanent Magnet Rotor The internal rotor uses high-coercivity rare-earth magnets (usually Neodymium). - **Function:** These magnets allow for a high torque-to-inertia ratio, enabling the motor to accelerate and decelerate rapidly. #### C. Stator Windings (3-Phase) The stator contains copper windings arranged in a 3-phase configuration. - **Function:** When the Servo Drive applies PWM (Pulse Width Modulation) current, it creates a rotating magnetic field that drives the rotor. #### D. Thermal Sensors Integrated into the windings are NTC or PTC thermistors. - **Function:** These sensors monitor the internal temperature to prevent electronic failure or insulation breakdown due to overheating. --- ### 3. Connection Interface | Connector Type | Purpose | Electronic Pinout | | :--- | :--- | :--- | | **Power Connector** | U, V, W, Ground | Delivers the high-voltage 3-phase power. | | **Encoder Connector** | Signal (A, B, Z, etc.) | Transmits position data and power for the encoder logic. | | **Brake (Optional)** | 24V DC | Only present if the model includes an electromagnetic holding brake. | --- ### 4. Common Application Use-Cases * **CNC Machinery:** High-speed milling and precision positioning. * **Packaging Machines:** Synchronization of belt speeds and cutting blades. * **Robotic Arms:** Joint actuation requiring high torque and fast response times. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the M2AS1-A222-R2/N motor?
    • ⤷ How do I wire the 20-bit encoder to a standard PLC?
    • ⤷ What is the difference between the R2 and R1 revisions of this motor?