전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A333-R

  • AI
    The **M2AS1-A333-R** is a specific model of an **M.2 SSD Carrier / Adapter Board**, typically associated with industrial computing or server hardware. It is designed to interface M.2 storage modules with a host system via specific connector pins. --- ### 1. General Specifications This part functions as a bridge between the M.2 (NGFF) form factor and a proprietary or standard motherboard header. | Component Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Interface Type** | SATA or PCIe (model dependent) | | **Connector Type** | M-Key or B+M Key | | **Physical Dimensions** | Typically 22mm width (standard M.2) | | **Mounting Type** | R/A (Right Angle) or Vertical depending on carrier | --- ### 2. Key Electronic Sections The circuitry on this adapter board generally consists of the following functional blocks: #### A. Power Management (LDO/Buck Converters) M.2 drives usually require **3.3V**. If the host system provides 5V or 12V through the primary header, the M2AS1-A333-R includes: * **Voltage Regulators:** To step down voltage to a stable 3.3V. * **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) used to filter high-frequency noise and ensure signal integrity. #### B. Signal Interface (High-Speed Differential Pairs) The board traces are designed with **impedance control** (usually 85Ω or 100Ω) to handle high-speed data transfer: * **SATA/PCIe Lanes:** Direct traces connecting the M.2 gold fingers to the host connector. * **Clock Signals (REFCLK):** Crucial for NVMe/PCIe stability. #### C. Protective Components * **TVS Diodes:** Often placed near the connectors to protect the SSD from Electrostatic Discharge (ESD) during installation. * **Resistor Straps:** Zero-ohm resistors or jumpers used to configure the board for different SSD lengths (e.g., 2242, 2260, 2280). --- ### 3. Pinout and Connectivity While exact pinouts can vary by revision, the standard M.2 "M-Key" configuration used on these carriers generally includes: | Pins | Function | Description | | :--- | :--- | :--- | | **1-11** | GND / 3.3V | Primary power rails and grounding. | | **12-19** | NC / Config | Reserved for manufacturer configuration. | | **39-49** | PCIe Lane 0 | First data transmit/receive pair. | | **70-75** | 3.3V | Auxiliary power supply. | --- ### 4. Typical Usage Scenarios * **Embedded Systems:** Used in compact PCs where a standard horizontal M.2 slot won't fit. * **Storage Expansion:** Adding NVMe or SATA SSD capability to legacy industrial motherboards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum supported PCIe lane count for this specific adapter?
    • ⤷ Does this model support both SATA and NVMe protocols simultaneously?
    • ⤷ What are the specific physical dimensions (length/width) of the A333-R variant?