전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A343-R2

  • AI
    The **M2AS1-A343-R2** is a specialized electronic component, typically identified as a **Micro-Switch** or a **Limit Switch** often used in automotive, industrial control, or appliance door mechanisms. It is designed to convert mechanical motion into an electrical signal. --- ### 1. Technical Specifications The part number follows a specific nomenclature related to its mechanical and electrical properties: | Parameter | Description | | :--- | :--- | | **Component Type** | Snap Action Micro Switch | | **Actuator Style** | Often features a pin plunger or short lever (depending on sub-variant) | | **Contact Configuration** | Single Pole Double Throw (SPDT) or SPST | | **Current Rating** | Typically ranges from 0.1A (Signal) to 5A (Power) | | **Voltage Rating** | Usually 125V AC / 250V AC or 12V-24V DC | | **Termination** | Solder terminals or Quick-connect lugs | --- ### 2. Internal Electronic Construction Internally, the M2AS1 series relies on a "snap-action" mechanism. This is critical for electronic reliability: * **Over-center Mechanism:** A spring-loaded internal lever flips the contacts at a specific "trip point." This ensures that the transition between *ON* and *OFF* is nearly instantaneous, regardless of how slowly the external physical force is applied. * **Contact Material:** Usually made of silver alloy (for power switching) or gold-plated (for low-current logic signals) to prevent oxidation. * **Bouncing Control:** The "R2" revision often indicates a specific refinement in materials or mechanical tension to reduce "contact bounce," which is essential when the switch is connected to a microcontroller (like an Arduino or PLC). --- ### 3. Application Use Cases This specific part is frequently found in the following electronic systems: 1. **Safety Interlocks:** Detecting if a panel or door is closed before allowing high-voltage components to energize. 2. **End-of-Travel Sensing:** In CNC machines or 3D printers, it acts as a "homing" sensor to tell the controller the motor has reached its limit. 3. **Pressure/Level Sensing:** Attached to a diaphragm to trigger an alarm when a certain pressure or fluid level is reached. --- ### 4. Wiring Diagram (SPDT Example) When integrating this into a circuit, the terminals are usually labeled as follows: ```text [ COM ] --- Common Terminal (Input) | /-----+-----\ [ NC ] [ NO ] (Normally (Normally Closed) Open) ``` * **NC (Normally Closed):** The circuit is complete until the switch is pressed. * **NO (Normally Open):** The circuit completes only when the switch is physically actuated.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the M2AS1-A343-R2?
    • ⤷ How does the 'R2' suffix change the specifications compared to the R1 version?
    • ⤷ Is this switch rated for IP67 waterproof protection?