전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A411-R2

  • AI
    The **M2AS1-A411-R2** is a specialized electronic component, typically identified as an industrial-grade **Solid State Relay (SSR)** or a specific power interface module used in automation and control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-reliability switching where mechanical wear must be avoided. It serves as an interface between low-power control signals and high-power loads. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Module | | **Mounting Type** | DIN Rail or PCB Mount (depending on housing) | | **Control Voltage** | Usually 4-32V DC (Logic Level) | | **Load Voltage Range** | Up to 240V AC or 100V DC (Model dependent) | | **Current Rating** | 1A to 4A (indicated by the '4' in the suffix) | | **Isolation** | Opto-isolated (Photocoupler) | --- ### 2. Key Electronic Parts & Internal Construction The internal circuitry of the M2AS1-A411-R2 consists of several critical stages: #### A. Input Stage (Control) * **LED / Optocoupler:** Converts the incoming electrical signal into light. This provides galvanic isolation, protecting the sensitive PLC or Microcontroller from high-voltage spikes on the load side. * **Current Limiting Resistor:** Ensures the internal LED operates within safe current limits. #### B. Trigger Circuit * **Zero-Crossing Detector (for AC models):** Ensures the relay switches only when the AC voltage is near zero. This reduces Electromagnetic Interference (EMI) and protects the load from high inrush currents. * **Schmitt Trigger:** Provides clean, bounce-free switching logic. #### C. Output Stage (Power) * **Switching Element:** Typically a **TRIAC** (for AC loads) or a **MOSFET/IGBT** (for DC loads). * **Snubber Network:** A combination of a resistor and capacitor (RC circuit) placed in parallel with the switching element to suppress voltage spikes ($dv/dt$) caused by inductive loads. --- ### 3. Pinout and Connection Scheme While specific to the manufacturer (often associated with brands like Panasonic or specialized industrial suppliers), the typical 4-pin configuration is: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Control (+) | Positive Input Signal (VDC) | | **2** | Control (-) | Ground / Negative Return | | **3** | Load (Output) | Connection to the Power Source | | **4** | Load (Common) | Connection to the Device/Load | --- ### 4. Technical Advantages 1. **Silent Operation:** No moving parts mean zero acoustic noise. 2. **High Switching Speed:** Capable of high-frequency PWM (Pulse Width Modulation). 3. **Long Lifespan:** Unlike mechanical relays, there is no contact pitting or arcing. 4. **Vibration Resistance:** Solid-state construction makes it ideal for harsh industrial environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M2AS1-A411-R2?
    • ⤷ Can this component be used for inductive loads like motors?
    • ⤷ What are the specific dimensions for DIN rail mounting for this model?