AI

The **M2AS1-A423-R2/N** is a specific part number typically associated with high-density, small-form-factor **DDR4 Memory Modules**, specifically designed for embedded systems, industrial computing, or server networking equipment.
Below is a breakdown of the electronic specifications and characteristics of this component.
---
### 1. Technical Specifications
This part is generally a **VLP-RDIMM** (Very Low Profile Registered DIMM). The "VLP" designation is critical for blade servers or 1U chassis where airflow and space are restricted.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | 288-pin VLP-RDIMM |
| **Capacity** | 4GB / 8GB (Varies by revision, usually 4GB for this code) |
| **Speed** | 2133 MT/s or 2400 MT/s |
| **Voltage** | 1.2V (Low Power) |
| **Error Correction** | ECC (Error Correcting Code) |
| **Rank** | Single Rank (1Rx8) |
---
### 2. Key Component Parts
The module is comprised of several distinct electronic sections:
#### A. DRAM Integrated Circuits (ICs)
The core of the module consists of synchronous dynamic random-access memory chips. These chips use a "Fly-by" topology for command, address, and control signals to improve signal integrity.
#### B. Registering Clock Driver (RCD)
As an **RDIMM**, it includes a buffer chip (the Register).
* **Function:** It buffers the address and control signals from the memory controller.
* **Benefit:** Reduces the electrical load on the system memory controller, allowing for higher stability and capacity.
#### C. Serial Presence Detect (SPD) EEPROM
A small non-volatile chip located on the PCB.
* **Function:** It stores the timing parameters, manufacturer data, and serial numbers.
* **Protocol:** Communicates with the motherboard via the $I^2C$ bus.
#### D. Thermal Sensor
The "/N" variant often includes an integrated thermal sensor.
* **Purpose:** Monitors the temperature of the module in real-time to trigger thermal throttling if the hardware exceeds safe operating limits.
---
### 3. Physical Attributes
* **VLP Design:** The height is approximately **18.75mm**, compared to the standard 31.25mm.
* **Gold Fingers:** 288 gold-plated contacts for high-frequency data transmission and corrosion resistance.
* **Multi-layer PCB:** Typically an 8-layer or 10-layer PCB to minimize electromagnetic interference (EMI).
---
### 4. Application Use-Case
| Environment | Reason for Use |
| :--- | :--- |
| **1U Servers** | Fits in horizontal slots without blocking airflow. |
| **Industrial PC** | ECC support ensures data integrity in critical environments. |
| **Networking Gear** | Used in high-speed routers and switches requiring buffered memory. |
- ⤷
What is the difference between VLP-RDIMM and standard RDIMM?
- ⤷ How does the ECC functionality work on this specific DDR4 module?
- ⤷ What are the compatible chipsets for the M2AS1-A423-R2/N?