전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AS1-A424-R2

  • AI
    The **M2AS1-A424-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized **Power Switch Module**. These components are frequently used in industrial automation, medical equipment, and telecommunications for silent, high-speed switching of electrical loads. --- ### 1. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Magnelab** or specific industrial PLC suppliers), the part number breakdown generally follows this logic: | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Interface Module | | **Input Voltage** | Typically 4-32V DC (Control Side) | | **Output Rating** | 240V AC / 2A to 4A (Load Side) | | **Isolation** | Opto-isolated (Galvanic isolation between input/output) | | **Mounting Type** | PCB Mount or DIN Rail (depending on the housing) | | **Switching Type** | Zero-cross (minimizes EMI) or Random-fire | --- ### 2. Key Electronic Characteristics #### A. Input (Control Side) * **Optocoupler Integration:** The input side contains an LED that triggers a light-sensitive semi-conductor. This ensures that the high-voltage load side is physically and electrically separated from the low-voltage control logic (like a Microcontroller or PLC). * **Current Limiting:** Usually includes internal resistors to manage the input current from the trigger signal. #### B. Output (Load Side) * **Triac/Thyristor Design:** Uses solid-state semiconductors (no moving parts) to handle AC loads. * **Snubber Circuit:** Often features an internal RC (Resistor-Capacitor) network to protect the device from voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. #### C. Thermal Management * The suffix **"R2"** often refers to a specific revision or a thermal resistance rating. Because SSRs generate heat during conduction, the internal copper lead frame is designed to dissipate heat efficiently to the surrounding environment or a heatsink. --- ### 3. Pinout and Physical Form Factor Most "M2" series modules follow a standard rectangular footprint: 1. **Pin 1 & 2 (Control):** DC Input (+/-). 2. **Pin 3 & 4 (Load):** AC Output (Switching the "Hot" line). --- ### 4. Typical Applications * **Temperature Controllers:** Turning heaters on/off precisely. * **Valve Control:** Operating pneumatic or hydraulic solenoids. * **Motor Starters:** Small AC motor control in laboratory equipment. * **Lighting Systems:** Dimming or switching high-intensity discharge lamps.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific model?
    • ⤷ Does the M2AS1-A424-R2 support zero-cross switching for noise reduction?
    • ⤷ What are the pin dimensions for PCB footprint design?