전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AVS-1112-R2/N

  • AI
    The **M2AVS-1112-R2/N** is a specific part number typically associated with high-performance **M.2 Solid State Drive (SSD)** modules, often found in industrial, embedded, or enterprise computing environments. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Interface** | NVMe PCIe Gen 3.x or 4.x (Interface dependent on specific revision) | | **Capacity** | Typically 1TB to 2TB (Model dependent) | | **NAND Type** | 3D TLC (Triple-Level Cell) | | **Operational Temperature** | Commercial (0°C to 70°C) or Industrial (-40°C to 85°C) | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) of this module consists of three primary electronic sections: #### A. The Controller (The "Brain") The controller is an ASIC (Application-Specific Integrated Circuit) that manages data flow. - **Function:** Handles Wear Leveling, Error Correction Code (ECC), and Bad Block Management. - **Protocol:** Uses the NVMe protocol to minimize latency compared to older SATA interfaces. #### B. NAND Flash Memory Chips These are the non-volatile storage components where data is physically kept. - **Structure:** Uses **3D NAND** technology, where memory cells are stacked vertically to increase density without increasing the physical footprint. - **Voltage:** Operates typically at 1.2V or 1.8V internal logic levels. #### C. DRAM Cache & Power Management - **DRAM:** Often includes a dedicated LPDDR4 chip to store the "Mapping Table" (FTL), which significantly speeds up data retrieval. - **PMIC (Power Management IC):** Regulates the 3.3V input from the M.2 slot down to the various voltages required by the NAND and Controller. - **Capacitors:** Includes decoupling capacitors to filter electrical noise and, in some "R2" revisions, tantalum capacitors for Power Loss Protection (PLP). --- ### 3. Pinout and Physical Interface The M2AVS series utilizes the **M-Key** physical interface. ```markdown Pin Range | Function ---------|---------- 1 - 11 | Ground and Differential Transmit/Receive pairs 12 - 19 | Power Rails (3.3V) 20 - 75 | PCIe Lanes (x4), Clock signals, and Sleep/Reset pins ``` --- ### 4. Implementation Example (Python Logic) While this is hardware, interacting with such a device at a system level (e.g., checking health via SMART) can be represented as follows: ```python import subprocess def get_ssd_health(device_path="/dev/nvme0n1"): # Using smartmontools to query the M2AVS module try: result = subprocess.check_output(["smartctl", "-a", device_path]) return result.decode("utf-8") except Exception as e: return f"Error accessing drive: {e}" # Example usage: # print(get_ssd_health()) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the R2/N revision?
    • ⤷ Does this model support hardware-based AES-256 encryption?
    • ⤷ Is this part rated for industrial temperature ranges?