전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AVS-15136-R/CE

  • AI
    The **M2AVS-15136-R/CE** is a specialized electronic module, typically classified as a **Voltage Controlled Oscillator (VCO)** or a frequency synthesizer component, often used in telecommunications, radar systems, or high-frequency signal processing. Below is a breakdown of the electronic characteristics and technical specifications associated with this part. --- ### 1. General Specifications The device is designed for precision frequency generation. While specific datasheets may vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF component firms), the general parameters are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF/Microwave Oscillator (VCO) | | **Frequency Range** | High-frequency (C-Band or X-Band typically) | | **Supply Voltage (Vcc)** | Usually 5V or 12V DC | | **Tuning Voltage** | Variable (0V to 15V range typical) | | **Output Power** | +3 to +10 dBm | | **Package Type** | Surface Mount (SMD) or Shielded Case | --- ### 2. Key Electronic Features * **Low Phase Noise:** Engineered to provide a clean signal with minimal jitter, which is critical for maintaining data integrity in communication links. * **Harmonic Suppression:** Built-in filtering to ensure the primary frequency is dominant and secondary harmonics are minimized (typically -15 to -20 dBc). * **Buffer Amplifier:** Most modules in this series include an internal buffer stage to isolate the oscillator from load variations (pulling). * **Shielding:** Encased in a metal "can" to prevent Electromagnetic Interference (EMI) from affecting the internal sensitive LC circuits. --- ### 3. Pin Configuration & Integration Integrating this part into a PCB requires attention to RF layout best practices: 1. **Vcc (Power):** Requires a highly stable, low-noise DC source. Any ripple on this line will translate directly into frequency noise. 2. **Vt (Tuning):** The input voltage that determines the output frequency. This is usually driven by a Phase-Locked Loop (PLL) synthesizer. 3. **RF Out:** The signal output port, usually matched to **50 Ohms** impedance. 4. **Ground:** Multiple ground pins are provided to ensure a low-inductance path to the PCB ground plane. --- ### 4. Common Applications * **Point-to-Point Radio:** Used as a Local Oscillator (LO) in microwave backhaul. * **Test Equipment:** Found in signal generators and spectrum analyzers. * **SATCOM:** Used in satellite up/down converters.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the M2AVS-15136-R/CE model?
    • ⤷ How does tuning voltage sensitivity affect the performance of this VCO?
    • ⤷ What are the recommended decoupling capacitor values for the Vcc pin in this circuit?