전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AVS-2316-R/N

  • AI
    The **M2AVS-2316-R/N** is a specialized electronic component primarily categorized as an **RF (Radio Frequency) Integrated Circuit**, specifically a **Monolithic Microwave Integrated Circuit (MMIC) Attenuator**. It is commonly utilized in telecommunications and signal processing equipment. --- ### 1. General Specifications The device is designed to manage signal strength within high-frequency circuits. Below are the core technical specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Voltage Variable Attenuator (VVA) | | **Frequency Range** | 2300 MHz to 2500 MHz (Optimized for 2.4 GHz bands) | | **Attenuation Range** | Typically up to 30 dB - 35 dB | | **Control Voltage** | Analog (0V to 5V or similar range) | | **Package Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (R/N suffix usually denotes specific plating/packaging) | --- ### 2. Functional Description As a **Voltage Variable Attenuator (VVA)**, the M2AVS-2316-R/N performs the following functions: * **Signal Leveling:** It adjusts the amplitude of an RF signal based on a DC control voltage without significantly affecting the phase. * **Automatic Gain Control (AGC):** It is frequently used in feedback loops to maintain a constant output power level despite variations in input signal strength. * **Interference Mitigation:** It can reduce high-power signals that might otherwise saturate sensitive receiver components (like LNAs). --- ### 3. Application Areas This part is typically found in hardware that operates within the S-band spectrum: 1. **Wireless Networking:** Wi-Fi 2.4 GHz infrastructure and Bluetooth signal management. 2. **Base Stations:** Cellular infrastructure requiring precise power control. 3. **ISM Band Equipment:** Industrial, Scientific, and Medical equipment operating near 2.4 GHz. 4. **Satellite Communications:** Downlink or uplink signal conditioning. --- ### 4. Circuit Implementation Example In a typical PCB layout, the part requires careful impedance matching (usually **50 Ohms**) and decoupling capacitors on the control line to prevent noise injection into the RF path. ```markdown [RF IN] ---> [Matching Network] ---> [M2AVS-2316] ---> [Matching Network] ---> [RF OUT] ^ | [Control Voltage] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the exact voltage-to-attenuation curves for this model?
    • ⤷ What is the insertion loss value when attenuation is set to minimum?
    • ⤷ Are there pin-compatible alternatives for the M2AVS-2316 series?