M2AVS-2332-R/N
AI

The **M2AVS-2332-R/N** is a specialized electronic module typically used in industrial automation, audio-visual signal processing, or specialized computer interface systems. Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The part number suggests a high-density connector or a signal conversion module. Based on standard industry nomenclature for these types of components, here are the likely specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Audio-Visual Interface Module / Signal Adapter |
| **Connector Standard** | M2 Series (Modular) |
| **Configuration** | 2332 (Specific Pinout/Form Factor) |
| **RoHS Compliance** | Yes (indicated by -R) |
| **Mounting Type** | Through-hole or Snap-in (N-Type) |
---
## 2. Key Electronic Characteristics
### A. Signal Integrity
These modules are designed for low-interference signal transmission. They often feature:
* **Gold-Plated Contacts:** To prevent oxidation and ensure long-term electrical conductivity.
* **Shielding:** Integrated EMI/RFI shielding to protect sensitive digital or analog signals from environmental noise.
### B. Power & Voltage
* **Insulation Resistance:** Usually rated at **1000MΩ min** at 500V DC.
* **Dielectric Withstanding Voltage:** Typically handles **500V AC** for one minute without breakdown.
* **Current Rating:** Designed for signal-level currents (approx. **0.5A to 1.5A** per pin).
---
## 3. Nomenclature Breakdown
Electronic parts follow a specific coding logic. Here is the interpretation for this specific part:
1. **M2**: Refers to the series or the physical footprint size (Modular 2).
2. **AVS**: Likely stands for **Audio Video System**, indicating its primary application.
3. **2332**: The internal design code or pin-count configuration (e.g., a specific matrix of 23 by 32 or a serialized identification).
4. **-R**: Generally indicates **RoHS Compliant** (Lead-free).
5. **-N**: Often indicates a **Non-shielded** variant or a specific **Nylon** material housing.
---
## 4. Common Applications
* **Broadcasting Equipment:** Used in patch panels or signal routing matrices.
* **Industrial Displays:** Connecting PLC (Programmable Logic Controller) outputs to monitoring stations.
* **Telecommunications:** High-density signal distribution in server racks.
---
- ⤷
What is the exact datasheet link for the M2AVS series?
- ⤷ Are there alternative cross-references for this part from other manufacturers?
- ⤷ What is the specific pin pitch for the 2332 configuration?