전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AVS-A332-R/N

  • AI
    The **M2AVS-A332-R/N** is a specialized high-speed interface adapter, commonly categorized within the **M.2 to Analog/Digital Video** or **PCIe interface conversion** families. These components are frequently used in industrial computing, automotive testing, and professional video processing. --- ## Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (Type 2260 or 2280) | | **Interface** | PCIe Gen 2/3 (typically x2 or x4 lanes) | | **Primary Function** | AVS (Analog Video System) to Digital Conversion / Bridge | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Voltage Input** | 3.3V (via M.2 Slot) | --- ## Core Electronic Components The "A332" series typically incorporates several critical sub-systems to handle high-speed data transmission: ### 1. Signal Processing Bridge This is the heart of the module. It converts incoming analog or specific proprietary video signals into a standard PCIe-compliant data stream. * **A/D Converters:** High-precision Analog-to-Digital converters ensure minimal signal loss during transition. * **FPGA/ASIC:** Often contains a programmable logic chip to handle specific protocol handshakes (NTSC/PAL or specialized AVS protocols). ### 2. Power Management IC (PMIC) Since M.2 slots provide a steady 3.3V, the module uses onboard buck-boost converters to step down voltages for the core logic (usually 1.0V or 1.8V) and clean the power for sensitive analog inputs to prevent "noise" in the video feed. ### 3. Termination and Filtering * **Low-Pass Filters:** Used to remove high-frequency noise from the input signal. * **Impedance Matching:** Precision resistors (usually 75Ω or 50Ω) to prevent signal reflection on the transmission lines. --- ## Pinout and Connectivity The **R/N** suffix in these part numbers often refers to the **Revision** or **Mounting Orientation**: 1. **M-Key / B+M Key:** Depending on the specific layout, it utilizes the standard M.2 gold-finger interface. 2. **I/O Headers:** Usually features a multi-pin Hirose or JST connector for the external video input, as M.2 slots do not have physical space for bulky BNC or RCA ports. --- ## Common Applications * **Advanced Driver Assistance Systems (ADAS):** Bringing raw camera feeds into a mobile workstation for real-time processing. * **Legacy System Upgrades:** Integrating old analog surveillance hardware into modern NUC or Industrial PCs. * **Medical Imaging:** Converting analog diagnostic signals into digital data for storage.
    ✨ Follow-up Questions
    • ⤷ What are the specific video protocols supported by the A332 series?
    • ⤷ How does the power consumption of this module impact M.2 thermal throttling?
    • ⤷ Are there specific drivers required for Linux-based industrial systems?