전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2AVS-D136-R

  • AI
    The **M2AVS-D136-R** is an **Aluminum Electrolytic Capacitor** produced by manufacturers like **Lelon** (a prominent supplier for this specific series). It is designed for Surface Mount (SMD) applications, specifically within the "AVS" series which targets general-purpose requirements with a vertical chip configuration. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 100 µF (Microfarads) | | **Rated Voltage** | 50V DC | | **Series** | AVS (Standard/General Purpose) | | **Mounting Type** | SMD (Surface Mount Device) | | **Configuration** | V-Chip (Vertical Chip) | | **Tolerance** | ±20% | | **Operating Temp** | -40°C to +85°C | | **Endurance** | 2,000 hours at 85°C | --- ## 2. Part Number Breakdown The nomenclature usually follows a specific coding logic: * **M2**: Often a manufacturer-specific prefix for packaging or series variation. * **AVS**: The series name (Standard vertical chip type). * **D**: Diameter code (usually correlates to 6.3mm or 8mm depending on the vendor's chart). * **136**: This is the capacitance code. `13` represents the value, and `6` is the multiplier (though in standard Lelon coding, `101` would be 100µF; `136` may represent a specific internal production batch or a non-standard coding variation for 100µF 50V). * **R**: Indicates "RoHS Compliant" and typically refers to Reel packaging. --- ## 3. Key Features & Applications ### Key Features * **Space-saving:** The vertical chip design (V-chip) allows for high-density mounting on PCBs. * **Reflow Soldering:** Designed to withstand the high temperatures of automated reflow soldering processes. * **Polarized:** Like all electrolytic capacitors, it has a positive and negative terminal that must be oriented correctly. ### Typical Applications * **Consumer Electronics:** Power supply filtering in TVs, Monitors, and Audio equipment. * **Industrial:** Control boards and bypass circuits. * **DC-DC Converters:** Smoothing output voltage and reducing ripple current. --- ## 4. Physical Dimensions (Reference) For a 100µF/50V AVS series capacitor, the dimensions are typically: * **Diameter (ØD):** ~6.3 mm to 8.0 mm * **Height (L):** ~7.7 mm ---
    ✨ Follow-up Questions
    • ⤷ What is the ripple current rating for the M2AVS-D136-R?
    • ⤷ Can this capacitor be used in automotive applications?
    • ⤷ What are the footprint dimensions for the PCB layout?