전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M2CE-16-R/CE

  • AI
    The **M2CE-16-R/CE** is a specialized electronic component primarily used in industrial control systems, specifically within the realm of safety relays and interface modules. It is part of the **M2C series** often associated with manufacturers like *IDEC* or *Bernstein*, typically functioning as a modular safety controller or expansion unit. Below is a breakdown of the electronic parts and technical specifications. --- ### 1. Technical Specifications This table outlines the core electrical characteristics of the M2CE-16-R/CE: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Standard industrial operating voltage. | | **Number of Inputs** | 16 Channels | Digital inputs for sensors, switches, or E-stops. | | **Output Type** | Relay (R) | Dry contact outputs for switching loads. | | **Mounting** | DIN Rail | Standard 35mm rail mounting for control panels. | | **Safety Category** | Up to PLe / Cat 4 | Compliant with ISO 13849-1 standards. | | **Connection Type** | Screw/Spring Terminals | Secure physical interface for field wiring. | --- ### 2. Internal Electronic Components The device is composed of several key internal stages to ensure fail-safe operation: #### A. Microcontroller Unit (MCU) The "brain" of the unit. In safety-rated versions, it often uses a **redundant dual-channel architecture**. This means two processors check each other's logic; if one fails, the system defaults to a safe state (de-energized). #### B. Input Isolation (Optocouplers) To protect the internal logic from voltage spikes in the field, the 16 inputs are typically **optically isolated**. This converts the electrical signal into light and back to electricity, preventing "noise" from damaging the MCU. #### C. Relay Output Stage The "R" in the part number signifies **Relay Outputs**. These are physical electromagnetic switches. * **Force-Guided Contacts:** Unlike standard relays, these use special contacts that are mechanically linked. If one contact welds shut, the others are held in a position that prevents the safety circuit from resetting. #### D. Status Indicators (LEDs) The front face contains an array of **Light Emitting Diodes (LEDs)**. These provide real-time diagnostic feedback: * **Power LED:** Indicates 24V DC presence. * **Input LEDs:** Show the state of the 16 individual channels. * **Fault/Error LED:** Flashes codes to indicate internal hardware failure or wiring shorts. --- ### 3. Application Use Case The M2CE-16-R/CE is used as an **Input/Output Expansion Module**. When a main safety controller does not have enough pins to handle a complex machine (e.g., a long assembly line with 10+ Emergency Stop buttons), this module is added to bridge those signals back to the logic controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between relay outputs and transistor outputs in this series?
    • ⤷ How do you wire a dual-channel E-stop to the M2CE-16-R/CE?
    • ⤷ What safety certifications (like SIL or UL) does this specific module hold?